Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 12Page - Advanced Micro Devices AM486DX2 Datasheet HTML 13Page - Advanced Micro Devices AM486DX2 Datasheet HTML 14Page - Advanced Micro Devices AM486DX2 Datasheet HTML 15Page - Advanced Micro Devices AM486DX2 Datasheet HTML 16Page - Advanced Micro Devices AM486DX2 Datasheet HTML 17Page - Advanced Micro Devices AM486DX2 Datasheet HTML 18Page - Advanced Micro Devices AM486DX2 Datasheet HTML 19Page - Advanced Micro Devices AM486DX2 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
16
Am5X86 Microprocessor
AMD
PRELIMINARY
LOCK
Bus Lock (Active Low; Output)
A Low output on this pin indicates that the current bus
cycle is locked. The microprocessor ignores HOLD
when LOCK is asserted (although it does acknowledge
AHOLD and BOFF). LOCK goes active in the first clock
of the first locked bus cycle and goes inactive after the
last clock of the last locked bus cycle. The last locked
cycle ends when RDY is returned. LOCK is active Low
and is not driven during bus hold. Locked read cycles
are not transformed into cache fill cycles if KEN is active.
M/IO
Memory/Input-Output (Active High/Active Low;
Output)
A High output indicates a memory cycle. A Low output
indicates an I/O cycle.
NMI
Non-Maskable Interrupt (Active High; Input)
A High NMI input signal indicates that an external non-
maskable interrupt has occurred. NMI is rising-edge
sensitive. NMI must be held Low for at least four CLK
periods before this rising edge. The NMI input does not
have an internal pull-down resistor. The NMI input is
asynchronous, but must meet setup and hold times t20
and t21 for recognition in any specific clock.
PCD
Page Cache Disable (Active High; Output)
This pin reflects the state of the PCD bit in the page
table entry or page directory entry (programmable
through the PCD bit in CR3). If paging is disabled, the
CPU ignores the PCD bit and drives the PCD output
Low. PCD has the same timing as the cycle definition
pins (M/IO, D/C, and W/R). PCD is active High and is
not driven during bus hold. PCD is masked by the Cache
Disable bit (CD) in Control Register 0 (CR0).
PCHK
Parity Status (Active Low; Output)
Parity status is driven on the PCHK pin the clock after
RDY for read operations. The parity status reflects data
sampled at the end of the previous clock. A Low PCHK
indicates a parity error. Parity status is checked only for
enabled bytes as is indicated by the byte enable and
bus size signals. PCHK is valid only in the clock imme-
diately after read data is returned to the microprocessor;
at all other times PCHK is inactive High. PCHK is floated
only during Tri-state Test mode (see FLUSH).
PLOCK
Pseudo-Lock (Active Low; Output)
In Write-back mode, the processor forces the output
High and the signal is always read as inactive. In Write-
through mode, PLOCK operates normally. When
asserted, PLOCK indicates that the current bus
transaction requires more than one bus cycle. Examples
of such operations are segment table descriptor reads
(8 bytes) and cache line fills (16 bytes). The micropro-
cessor drives PLOCK active until the addresses for the
last bus cycle of the transaction have been driven,
whether or not RDY or BRDY is returned. PLOCK is a
function of the BS8, BS16, and KEN inputs. PLOCK
should be sampled on the clock when RDY is returned.
PLOCK is active Low and is not driven during bus hold.
PWT
Page Write-Through (Active High; Output)
This pin reflects the state of the PWT bit in the page
table entry or page directory entry (programmable
through the PWT bit in CR3). If paging is disabled, the
CPU ignores the PWT bit and drives the PWT output
Low. PWT has the same timing as the cycle definition
pins (M/IO, D/C, and W/R). PWT is active High and is
not driven during bus hold.
RESET
Reset (Active High; Input)
RESET forces the microprocessor to initialize. The mi-
croprocessor cannot begin execution of instructions un-
til at least 1 ms after VCC and CLK have reached their
proper DC and AC specifications. To ensure proper mi-
croprocessor operation, the RESET pin should remain
active during this time. RESET is active High. RESET
is asynchronous but must meet setup and hold times
t20 and t21 to ensure recognition on any specific clock.
RDY
Non-Burst Ready (Active Low; Input)
A Low input on this pin indicates that the current bus
cycle is complete, that is, either the external system has
presented valid data on the data pins in response to a
read, or the external system has accepted data from the
microprocessor in response to a write. RDY is ignored
when the bus is idle and at the end of the bus cycle’s
first clock. RDY is active during address hold. Data can
be returned to the processor while AHOLD is active.
RDY is active Low and does not have an internal pull-
up resistor. RDY must satisfy setup and hold times t16
and t17 for proper chip operation.
SMI
SMM Interrupt (Active Low; Input)
A Low signal on the SMI pin signals the processor to
enter System Management mode (SMM). SMI is the
highest level processor interrupt. The SMI signal is rec-
ognized on an instruction boundary, similar to the NMI
and INTR signals. SMI is sampled on every rising clock
edge. SMI is a falling-edge sensitive input. The SMI input
has an internal pull-up resister. Recognition of SMI is
guaranteed in a specific clock if it is asserted synchro-
nously and meets the setup and hold times. If SMI is
asserted asynchronously, it must go High for a minimum
of two clocks before going Low, and it must remain Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com