Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices AM486DX2 Datasheet HTML 50Page - Advanced Micro Devices AM486DX2 Datasheet HTML 51Page - Advanced Micro Devices AM486DX2 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
Am5X86 Microprocessor
AMD
PRELIMINARY
If an SMI occurs and it does not trap an I/O instruction,
the contents of the I/O address and R/W bit are unpre-
dictable and should not be used.
7.7.6
SMM Base Relocation
The Am5X86 CPU family provides a new control regis-
ter, SMBASE. The SMRAM address space can be mod-
ified by changing the SMBASE register before exiting
an SMI handler routine. SMBASE can be changed to
any 32K-aligned value. (Values that are not 32K-aligned
cause the CPU to enter the shutdown state when exe-
cuting the RSM instruction.) SMBASE is set to the de-
fault value of 30000h on RESET. If SMBASE is changed
by an SMI handler, all subsequent SMI requests initiate
a state save at the new SMBASE.
The SMBASE slot in the SMM state save area indicates
and changes the SMI jump vector location and SMRAM
save area. When bit 17 of the SMM Revision Identifier
is set, then this feature exists and the SMRAM base and
consequently, the jump vector, are as indicated by the
SMM Base slot (see Figure 30). During the execution
of the RSM instruction, the CPU reads this slot and ini-
tializes the CPU to use the new SMBASE during the
next SMI. During an SMI, the CPU does its context save
to the new SMRAM area pointed to by the SMBASE,
stores the current SMBASE in the SMM Base slot (offset
7EF8h), and then starts execution of the new jump vec-
tor based on the current SMBASE (see Figure 31).
The SMBASE must be a 32-Kbyte aligned, 32-bit integer
that indicates a base address for the SMRAM context
save area and the SMI jump vector. For example, when
the processor first powers up, the range for the SMRAM
area is from 38000h–3FFFFh. The default value for SM-
BASE is 30000h.
As illustrated in Figure 31, the starting address of the
jump vector is calculated by:
SMBASE + 8000h
The starting address for the SMRAM state save area is
calculated by:
SMBASE + [8000h + 7FFFh]
When this feature is enabled, the SMRAM register map
is addressed according to the above formula.
Figure 30. SMM Base Slot Offset
31
0
31
0
SMM Base
Register Offset 7EF8h
To change the SMRAM base address and SMI jump
vector location, SMI handler modifies the SMBASE slot.
Upon executing an RSM instruction, the processor
reads the SMBASE slot and stores it internally. Upon
recognition of the next SMI request, the processor uses
the new SMBASE slot for the SMRAM dump and SMI
jump vector. If the modified SMBASE slot does not con-
tain a 32-Kbyte aligned value, the RSM microcode caus-
es the CPU to enter the shutdown state.
7.8
SMM System Design Considerations
7.8.1
SMRAM Interface
The hardware designed to control the SMRAM space
must follow these guidelines:
s Initialize SMRAM space during system boot up. Ini-
tialization must occur before the first SMI occurs.
Initialization of SMRAM space must include installa-
tion of an SMI handler and may include installation
of related data structures necessary for particular
SMM applications. The memory controller interfac-
ing SMRAM should provide a means for the initial-
ization code to open the SMRAM space manually.
s The memory controller must decode a minimum ini-
tial SMRAM address space of 38000h–3FFFFh.
s Alternate bus masters (such as DMA controllers)
must not be able to access SMRAM space. The sys-
tem should allow only the CPU, either through SMI
or during initialization, to access SMRAM.
s To implement a 0-V suspend function, the system
must have access to all normal system memory from
within an SMI handler routine. If the SMRAM over-
lays normal system memory (see Figure 32), there
must be a method to access overlaid system mem-
ory independently.
SMI Handler Entry Point
SMBASE + 8000h
+ 7FFFh
SMRAM
SMBASE + 8000h
SMBASE
Start of State Save
Figure 31. SRAM Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com