Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 24Page - Advanced Micro Devices AM486DX2 Datasheet HTML 25Page - Advanced Micro Devices AM486DX2 Datasheet HTML 26Page - Advanced Micro Devices AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices AM486DX2 Datasheet HTML 31Page - Advanced Micro Devices AM486DX2 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
28
Am5X86 Microprocessor
AMD
PRELIMINARY
Step 1 During a snoop to the on-chip cache that hits a
modified cache line, the HOLD signal cannot
be deasserted to the microprocessor until the
next clock cycle after HITM transitions active.
Step 2 After the write-back has commenced, the HOLD
signal should be asserted no earlier than the
next clock cycle after ADS goes active, and no
later than in the final BRDY of the last write.
Asserting HOLD later than the final BRDY may
allow the microprocessor to permit a pending
access to begin.
Step 3 If RDY is returned instead of BRDY during a
write-back, the HOLD signal can be reasserted
at any time starting one clock after ADS goes
active in the first transfer up to the final transfer
when RDY is asserted. Asserting RDY instead
of BRDY will not break the write-back cycle if
HOLD is asserted. The processor ignores
HOLD until the final write cycle of the write-back.
4.8.5.2
AHOLD Bus Arbitration Implementation
The use of AHOLD as the control mechanism is often
found in systems where an external second-level cache
is closely coupled to the microprocessor. This tight cou-
pling allows the microprocessor to operate with the least
amount of stalling from external snooping of the on-chip
cache. Additionally, snooping of the cache can be per-
formed concurrently with an access by the microproces-
sor. This feature further improves the performance of
the total system (see Figure 11).
Note: To maintain proper system timing, the AHOLD
signal must remain active for one clock cycle after HITM
transitions active. Deassertion of AHOLD in the same
clock cycle as HITM assertion may lead to unpredictable
processor behavior.
DRAM
Address Bus
Data Bus
L2 Cache
Address Bus
Data Bus
I/O Bus
Interface
Slow
Peripheral
CPU
Address Bus
Data Bus
Figure 11. Closely Coupled Cache Block Diagram
The following sections describe the snooping scenarios
for the AHOLD implementation.
4.8.5.3
Normal Write-Back
Scenario: This scenario assumes that a processor-ini-
tiated access has already started and that the external
logic can finish that access even without the address
being applied after the first clock cycle. Therefore, a
snooping access with AHOLD can be done in parallel.
In this case, the processor-initiated access is finished
first, then the write-back is executed (see Figure 12).
The sequence is as follows:
Step 1 The processor initiates an external, simple,
non-cacheable read access, strobing ADS = 0
and W/R = 0. The address is driven from the
CPU.
Step 2 In the same cycle, AHOLD is asserted to indi-
cate the start of snooping. The address bus
floats and becomes an input in the next clock
cycle.
Step 3 During the next clock cycles, the BRDY or RDY
signal is not strobed Low. Therefore, the pro-
cessor-initiated access is not finished.
Step 4 Two clock cycles after AHOLD is asserted, the
EADS signal is activated to start an actual
snooping cycle, and INV is valid. If INV is 0, a
read access caused the snooping cycle. If INV
is 1, a write access caused the snooping cycle.
Additional EADS are ignored due to the hit of a
modified line. It is detected after HITM goes in-
active.
Step 5 Two clock cycles after EADS is asserted, the
snooping signal HITM becomes valid. The line
is modified; therefore, HITM is 0.
Step 6 In this cycle, the processor-initiated access is
finished.
Step 7 Two clock cycles after the end of the processor-
initiated access, the cache immediately starts
writing back the modified line. This is indicated
by ADS = 0 and W/R = 1. Note that AHOLD is
still active and the address bus is still an input.
However, the write-back access can be execut-
ed without any address. This is because the
corresponding address must have been on the
bus when EADS was strobed. Therefore, in the
case of the core system logic, the address for
the write-back must be latched with EADS to
be available later. This is required only if
AHOLD is not removed if HITM becomes 0.
Otherwise, the address of the write-back is put
onto the address bus by the microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com