Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices AM486DX2 Datasheet HTML 36Page - Advanced Micro Devices AM486DX2 Datasheet HTML 37Page - Advanced Micro Devices AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices AM486DX2 Datasheet HTML 39Page - Advanced Micro Devices AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Am5X86 Microprocessor
39
AMD
PRELIMINARY
The Am5X86 CPU product family requires INTR to be
held active until the CPU issues an interrupt acknowl-
edge cycle to guarantee recognition. This condition also
applies to the existing Am486 CPUs.
In the Stop Grant state, the system can stop or change
the CLK input. When the clock stops, the CPU enters
the Stop Clock state. The CPU returns to the Stop Grant
state immediately when the CLK input is restarted. You
must hold the STPCLK input Low until a stabilized fre-
quency has been maintained for at least 1 ms to ensure
that the PLL has had sufficient time to stabilize.
The CPU generates a Stop Grant bus cycle when en-
tering the state from the Normal or the Auto HALT Power
Down state. When the CPU enters the Stop Grant state
from the Stop Clock state or the Stop Clock Snoop state,
the CPU does not generate a Stop Grant bus cycle.
5.5.3
Stop Clock State
Stop Clock state is entered from the Stop Grant state
by stopping the CLK input (either logic High or logic
Low). None of the CPU input signals should change
state while the CLK input is stopped. Any transition on
an input signal (except INTR) before the CPU has re-
turned to the Stop Grant state may result in unpredict-
able behavior. If INTR goes active while the CLK input
is stopped, and stays active until the CPU issues an
interrupt acknowledge bus cycle, it is serviced in the
normal manner. System design must ensure the CPU
is in the correct state prior to asserting cache invalidation
or interrupt signals to the CPU.
5.5.4
Auto Halt Power Down State
A HALT instruction causes the CPU to enter the Auto
HALT Power Down state. The CPU issues a normal
HALT bus cycle, and only transitions to the Normal state
when INTR, NMI, SMI, RESET, or SRESET occurs.
The system can generate a STPCLK while the CPU is
in the Auto HALT Power Down state. The CPU gener-
ates a Stop Grant bus cycle when it enters the Stop
Grant state from the HALT state. When the system deas-
serts the STPCLK interrupt, the CPU returns execution
to the HALT state. The CPU generates a new HALT bus
cycle when it reenters the HALT state from the Stop
Grant state.
5.5.5
Stop Clock Snoop State
(Cache Invalidations)
When the CPU is in the Stop Grant state or the Auto
HALT Power Down state, the CPU recognizes HOLD,
AHOLD, BOFF, and EADS for cache invalidation. When
the system asserts HOLD, AHOLD, or BOFF, the CPU
floats the bus accordingly. When the system asserts
EADS, the CPU transparently enters Stop Clock Snoop
state and powers up for one full clock to perform the
required cache snoop cycle. If a modified line is
snooped, a cache write-back occurs with HITM transi-
tioning active until the completion of the write-back. It
then powers down and returns to the previous state. The
CPU does not generate a bus cycle when it returns to
the previous state.
5.5.6
Cache Flush State
When configured in Write-back mode, the processor
recognizes FLUSH for copying back modified cache
lines to memory in the Auto Halt Power Down State or
Normal State. Upon the completion of the cache flush,
the processor returns to its prior state, and regenerates
a special bus cycle, if necessary.
6
SRESET FUNCTION
The Am5X86 microprocessor family supports a soft re-
set function through the SRESET pin. SRESET forces
the processor to begin execution in a known state. The
processor state after SRESET is the same as after RE-
SET except that the internal caches, CD and NW in CR0,
write buffers, SMBASE registers, and floating-point reg-
isters retain the values they had prior to SRESET, and
cache snooping is allowed. The processor starts exe-
cution at physical address FFFFFFF0h. SRESET can
be used to help performance for DOS extenders written
for the 80286 processor. SRESET provides a method
to switch from Protected to Real mode while maintaining
the internal caches, CR0, and the FPU state. SRESET
may not be used in place of RESET after power-up.
In Write-back mode, once SRESET is sampled active,
the SRESET sequence begins on the next instruction
boundary (unless FLUSH or RESET occur before that
boundary). When started, the SRESET sequence con-
tinues to completion and then normal processor execu-
tion resumes, independent of the deassertion of
SRESET. If a snoop hits a modified line during SRESET,
a normal write-back cycle occurs. ADS is asserted to
drive the bus cycles even if SRESET is not deasserted.
7
SYSTEM MANAGEMENT MODE
7.1
Overview
The Am5X86 microprocessor supports four modes: Re-
al, Virtual, Protected, and System Management mode
(SMM). As an operating mode, SMM has a distinct pro-
cessor environment, interface, and hardware/software
features. SMM lets the system designer add new soft-
ware-controlled features to the computer products that
always operate transparent to the operating system
(OS) and software applications. SMM is intended for
use only by system firmware, not by applications soft-
ware or general purpose systems software.
The SMM architectural extension consists of the follow-
ing elements:
s System Management Interrupt (SMI) hardware in-
terface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com