Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices AM486DX2 Datasheet HTML 62Page - Advanced Micro Devices AM486DX2 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Am5X86 Microprocessor
59
AMD
PRELIMINARY
The AC specifications, provided in the AC characteris-
tics table, consist of output delays, input setup require-
ments, and input hold requirements. All AC specifica-
tions are relative to the rising edge of the CLK signal.
AC specifications measurement is defined by Figure 39.
All timings are referenced to 1.5 V unless otherwise
specified. Am5X86 microprocessor output delays are
specified with minimum and maximum limits, measured
as shown. The minimum microprocessor delay times
are hold times provided to external circuitry. Input setup
and hold times are specified as minimums, defining the
smallest acceptable sampling window. Within the sam-
pling window, a synchronous input signal must be stable
for correct microprocessor operation.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
33-MHz bus (133-MHz operating frequency)
V
CC = 3.3 V ±0.3 V; TCASE = 0°C to + 85°C; CL = 50 pF unless otherwise specified
Preliminary Info
Symbol
Parameter
Min
Max
Unit
Figure
Notes
Frequency
8
33
MHz
Note 2
t1
CLK Period
30
125
ns
39
t1a
CLK Period Stability
0.1%
∆
Adjacent Clocks
Notes 3 and 4
t2
CLK High Time at 2 V
11
ns
39
Note 3
t3
CLK Low Time at 0.8 V
11
ns
39
Note 3
t4
CLK Fall Time (2 V–0.8 V)
3
ns
39
Note 3
t5
CLK Rise Time (0.8 V–2 V)
3
ns
39
Note 3
t6
A31–A2, PWT, PCD, BE3–BE0, M/IO, D/C, CACHE,
W/R, ADS, LOCK, FERR, BREQ, HLDA,
SMIACT, HITM Valid Delay
3
14
ns
40
Note 5
t7
A31–A2, PWT, PCD, BE3–BE0, M/IO, D/C, CACHE,
W/R, ADS, LOCK Float Delay
3
20
ns
41
Note 3
t8
PCHK Valid Delay
3
14
ns
42
t8a
BLAST, PLOCK, Valid Delay
3
14
ns
40
t9
BLAST, PLOCK, Float Delay
3
20
ns
41
Note 3
t10
D31–D0, DP3–DP0 Write Data Valid Delay
3
14
ns
40
t11
D31–D0, DP3–DP0 Write Data Float Delay
3
20
ns
41
Note 3
t12
EADS, INV, WB/WT Setup Time
5
ns
43
t13
EADS, INV, WB/WT Hold Time
3
ns
43
t14
KEN, BS16, BS8 Setup Time
5
ns
43
t15
KEN, BS16, BS8 Hold Time
3
ns
43
t16
RDY, BRDY Setup Time
5
ns
44
t17
RDY, BRDY Hold Time
3
ns
44
t18
HOLD, AHOLD Setup Time
6
ns
43
t18a
BOFF Setup Time
7
ns
43
t19
HOLD, AHOLD, BOFF Hold Time
3
ns
43
t20
RESET, FLUSH, A20M, NMI, INTR, IGNNE,
STPCLK, SRESET, SMI Setup Time
5
ns
43
Note 5
t21
RESET, FLUSH, A20M, NMI, INTR, IGNNE,
STPCLK, SRESET, SMI Hold Time
3
ns
43
Note 5
t22
D31–D0, DP3–DP0, A31–A4 Read Setup Time
5
ns
43, 44
t23
D32–D0, DP3–DP0, A31–A4 Read Hold Time
3
ns
43, 44
Notes:
1. Specifications assume CL = 50 pF. I/O Buffer model must be used to determine delays due to loading (trace and component). First
Order I/O buffer models for the processor are available.
2. 0-MHz operation guaranteed during stop clock operation.
3. Not 100% tested. Guaranteed by design characterization.
4. For faster transitions (>0.1% between adjacent clocks), use the Stop Clock protocol to switch operating frequency.
5. All timings are referenced at 1.5 V (as illustrated in the listed figures) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com