Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM486DX2 Datasheet HTML 1Page - Advanced Micro Devices AM486DX2 Datasheet HTML 2Page - Advanced Micro Devices AM486DX2 Datasheet HTML 3Page - Advanced Micro Devices AM486DX2 Datasheet HTML 4Page - Advanced Micro Devices AM486DX2 Datasheet HTML 5Page - Advanced Micro Devices AM486DX2 Datasheet HTML 6Page - Advanced Micro Devices AM486DX2 Datasheet HTML 7Page - Advanced Micro Devices AM486DX2 Datasheet HTML 8Page - Advanced Micro Devices AM486DX2 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
This document contains information on a product under development at Advanced Micro Devices. The information is
intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Advanced
Micro
Devices
DISTINCTIVE CHARACTERISTICS
s High-Performance Design
— Industry-standard write-back cache support
— Frequent instructions execute in one clock
— 105.6-million bytes/second burst bus at 33 MHz
— Flexible write-through and write-back address
control
— Advanced 0.35-
µ CMOS-process technology
— Dynamic bus sizing for 8-, 16-, and 32-bit buses
— Supports “soft reset” capability
s High On-Chip Integration
— 16-Kbyte unified code and data cache
— Floating-point unit
— Paged, virtual memory management
s Enhanced System and Power Management
— Stop clock control for reduced power
consumption
— Industry-standard two-pin System Management
Interrupt (SMI) for power management indepen-
dent of processor operating mode and operating
system
— Static design with Auto Halt power-down support
— Wide range of chipsets supporting SMM avail-
able to allow product differentiation
s Complete 32-Bit Architecture
— Address and data buses
— All registers
— 8-, 16-, and 32-bit data types
s Standard Features
— 3-V core with 5-V tolerant I/O
— Available in a 133-MHz version
— Binary compatible with all Am486®DX,
Am486DX2, and Am486DX4 microprocessors
— Wide range of chipsets and support available
through the AMD FusionPCSM Program
s 168-pin PGA package or 208-pin SQFP package
s IEEE 1149.1 JTAG Boundary-Scan Compatibility
s Supports Environmental Protection Agency's
Energy Star program
— 3-V operation reduces power consumption up to
40%
— Energy management capability provides excel-
lent base for energy-efficient design
— Works with a variety of energy-efficient, power-
managed devices
GENERAL DESCRIPTION
The Am5X86™ microprocessor is an addition to the AMD
microprocessor product family. The new processor en-
hances system performance by raising the microproces-
sor operating frequency to the highest levels allowed by
current manufacturing technology, while maintaining
complete compatibility with the standard Am486 proces-
sor architecture and Microsoft® Windows®. The CPUs
incorporate write-back cache, flexible clock control, and
enhanced SMM. Table 1 shows available processors
in the Am5X86 microprocessor family.
The Am5X86 microprocessor family allows write-back
configuration through software and cacheable access
control. On-chip cache lines are configurable as either
write-through or write-back. The CPU clock control fea-
ture permits the CPU clock to be stopped under con-
trolled conditions, allowing reduced power consumption
during system inactivity. The SMM function is implement-
ed with an industry standard two-pin interface.
Table 1. Clocking Options
Operating
Frequency
Input Clock
Available Package
133 MHz
33 MHz
168-pin PGA
133 MHz
33 MHz
208-pin SQFP
PRELIMINARY
Am5X86™
Microprocessor Family
Publication # 19751 Rev: C Amendment/0
Issue Date: March 1996


Similar Part No. - AM486DX2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM486DE2 AMD-AM486DE2 Datasheet
1Mb / 52P
8-Kbyte Write-Through Embedded Microprocessor
AM486DE2-66V8TGC AMD-AM486DE2-66V8TGC Datasheet
1Mb / 52P
8-Kbyte Write-Through Embedded Microprocessor
AM486DE2-66V8THC AMD-AM486DE2-66V8THC Datasheet
1Mb / 52P
8-Kbyte Write-Through Embedded Microprocessor
More results

Similar Description - AM486DX2

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
logo
Freescale Semiconductor...
MC9S12XD FREESCALE-MC9S12XD Datasheet
1Mb / 28P
16-BIT MICROPROCESSOR FAMILY
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
PowerPC 603e RISC Microprocessor Family PID7t-603e
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
Integrated Microprocessor Family Hardware Specification
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
logo
Renesas Technology Corp
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com