Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 51Page - Advanced Micro Devices AM486DX2 Datasheet HTML 52Page - Advanced Micro Devices AM486DX2 Datasheet HTML 53Page - Advanced Micro Devices AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
Am5X86 Microprocessor
55
AMD
PRELIMINARY
s Control (bits 1–0): Read/Write, independent of Write-
through or Write-back mode. The control bits deter-
mine which operation to perform. The following is a
definition of the control operations:
— 00 = Write to cache fill buffer, or read from cache
read buffer
— 01 = Perform cache write
— 10 = Perform cache read
— 11 = Flush the cache (mark all entries invalid)
8.3
Using TR4 and TR5 for Cache Testing
The following paragraphs provide examples of testing
the cache using TR4 and TR5.
8.3.1
Example 1: Reading The Cache (Write-back
Mode Only)
1.
Disable caching by setting the CD bit in the CR0
register.
2.
In TR5, load 0 into the Ext field (bit 19), the required
index into the Index field (bits 10–4), the required
entry value into the Entry field (bits 3–2), and 10 into
the Control field (bits 1–0). Loading the values into
TR5 triggers the cache read. The cache read loads
the TR4 register with the TAG for the read entry,
and the LRU and Valid bits for the entire set that
was read. The cache read loads 128 data bits into
the cache read buffer. The entire buffer can be read
by placing each of the four binary combinations in
the Entry field and setting the Control field in TR5
to 00 (binary). Read each doubleword from the
cache read buffer through TR3.
3.
Reading the Set State fields in TR4 during Write-
back mode is accomplished by setting the Ext field
in TR5 to 1 and rereading TR4.
8.3.2
Example 2: Writing The Cache
1) Disable the cache by setting the CD bit in the CR0
register.
2.
In TR5, load 0 into the Ext field (bit 19), the required
entry value into the Entry field (bits 3–2), and 00 into
the Control field (bits 1–0).
3.
Load the TR3 register with the data to write to the
cache fill buffer. The cache fill buffer write is trig-
gered by loading TR3.
4.
Repeat steps 2 and 3 for the remaining three dou-
blewords in the cache fill buffer.
5.
In TR4, load the required values into TAG field (bits
31–11) and the Valid field (bit 10). In Write-back
mode, the Valid bit is ignored since the Set State
field in TR5 is used in place of the TR4 Valid bit. The
other bits in TR4 (9:0) have no effect on the cache
write.
6.
In TR5, load 0 into the Ext field (bit 19), the required
value into the Set State field (bits 18–17) (Write-
back mode only), the required index into the Index
field (bits 10–4), the required entry value into the
Entry field (bits 3–2), and 01 into the Control field
(bits 1–0). Loading the values into TR5 triggers the
cache write. In Write-through mode, the Set State
field is ignored, and the Valid bit (bit 10) in TR4 is
used instead to define the state of the specified set.
8.3.3
Example 3: Flushing The Cache
The cache flush mechanism functions in the same way
in Write-back and Write-through modes. Load 11 into
the Control field (bits 1–0) of TR5. All other fields are
ignored, except for Ext in Write-back mode. The cache
flush is triggered by loading the value into TR5. All of
the LRU bits, Valid bits, and Set State bits are cleared.
9Am5X86 CPU Functional Differences
Several important differences exist between Am5X86
microprocessors and standard Am486DX microproces-
sors:
s
The ID register contains a different version signa-
ture.
s
The EADS function performs cache line write-backs
of modified lines to memory in Write-back mode.
s
A burst write feature is available for copy-backs. The
FLUSH pin and WBINVD instruction copy back all
modified data to external memory prior to issuing the
special bus cycle or reset.
The Am5X86 processor is functionally identical to the
Enhanced Am486 processor except for the function of
the CLKMUL pin (see Section 9.3) and the redefinition
of TR4 and TR5 to access the 16-Kbyte cache (see
Section 8).
9.1
Status after Reset
The RESET state is invoked either after power up or
after the RESET signal is applied according to the stan-
dard Am486DX microprocessor specification.
9.2
Cache Status
After reset, the STATUS bits of all lines are set to 0. The
LRU bits of each set are placed in a starting state.
9.3
CLKMUL Pin
For the standard Am486 processor, the Enhanced
Am486 processor, and the Am5X86 processor, if the
CLKMUL pin is driven High at RESET, the processor
uses a Clock-tripled mode.
To ensure correct operation of the 133-MHz Am5X86
processor, always connect the CLKMUL input to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com