Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices AM486DX2 Datasheet HTML 50Page - Advanced Micro Devices AM486DX2 Datasheet HTML 51Page - Advanced Micro Devices AM486DX2 Datasheet HTML 52Page - Advanced Micro Devices AM486DX2 Datasheet HTML 53Page - Advanced Micro Devices AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
Am5X86 Microprocessor
53
AMD
PRELIMINARY
Table 17. Test Register TR4 Bit Descriptions
31
30–29
28
27–26
25–24
23–22
21–20
19–16
15–12
11
10
9–7
6–3
2–0
Tag
0
Valid
LRU
Valid
(rd)
Not
used
Not
used
STn
Rsvd.
ST3
ST2
ST1
ST0
Reserved
Not used
Valid
LRU
Valid
(rd)
Not
used
EXT = 1
EXT = 0
Notes:
1. The values of STn and ST3–ST0 are: 00 = Invalid; 01 = Exclusive; 10 = Modified; 11 = Shared.
2. During a cache look-up, bit 11 is read only and always 0. The bit is read/write otherwise.
Table 18. Test Register TR5 Bit Descriptions
31–20
19
18–17
16
15–12
11–4
3–2
1–0
Write-Back
Not used
Ext
Set State
Reserved
Not used
Index
Entry
Control
Write-Through
Not used
Index
Entry
Control
Notes:
1. Bit 19 in TR5 is EXT. If EXT = 0, TR4 has the standard 486 processor definition for write-through cache.
2. The values of Set State are: 00 = Invalid; 01 = Exclusive; 10 = Modified; 11 = Shared.
pushed onto the stack. If the offset of the interrupted
procedure is greater than 64 Kbytes, it is not possi-
ble for the interrupt/exception handler to return con-
trol to that procedure. (One work-around is to
perform software adjustment of the return address
on the stack.)
4.
The SMBASE Relocation feature affects the way
the CPU returns from an interrupt or exception dur-
ing an SMI handler.
Note: The execution of an IRET instruction enables
Non-Maskable Interrupt (NMI) processing.
7.9.3
Halt during SMM
HALT should not be executed during SMM, unless in-
terrupts have been enabled. Interrupts are disabled on
entry to SMM. INTR and NMI are the only events that
take the CPU out of HALT within SMM.
7.9.4
Relocating SMRAM to an Address above
1 Mbyte
Within SMM (or Real mode), the segment base registers
can be updated only by changing the segment register.
The segment registers contain only 16 bits, which allows
only 20 bits to be used for a segment base address (the
segment register is shifted left 4 bits to determine the
segment base address). If SMRAM is relocated to an
address above 1 Mbyte, the segment registers can no
longer be initialized to point to SMRAM.
These areas can still be accessed by using address
override prefixes to generate an offset to the correct
address. For example, if the SMBASE has been relo-
cated immediately below 16 Mbytes, the DS and ES
registers are still initialized to 0000 0000h. Data in SM-
RAM can still be accessed by using 32-bit displacement
registers
move esi,OOFFxxxxh
;64K segment
immediately below 16M
move ax,ds:[esi]
8
TEST REGISTERS 4 AND 5
MODIFICATIONS
The Cache Test Registers for the Am5X86 microproces-
sor are the same test registers (TR3, TR4, and TR5)
provided in Am486 microprocessors. TR3 is the cache
test data register. TR4, the cache test status register,
and TR5, the cache test control register, operate togeth-
er with TR3.
If WB/WT meets the necessary setup timing and is sam-
pled Low on the falling edge of RESET, the processor
is placed in Write-through mode and the test register
function is identical to the Am486 microprocessors. If
WB/WT meets the necessary setup timing and is sam-
pled High on the falling edge of RESET, the processor
is placed in Write-back mode and the test registers TR4
and TR5 are modified to support the added write-back
cache functionality. Tables 17 and 18 show the individ-
ual bit functions of these registers. Sections 8.1 and 8.2
provide a detailed description of the field functions.
Note: TR3 has the same functions in both Write-through
and Write-back modes.These functions are identical to
the TR3 register functions provided by Am486 micro-
processors.
8.1
TR4 Definition
This section includes a detailed description of the bit
fields defined for TR4.
Note: Bits listed in Table 17 as Reserved or Not used
are not included in these descriptions.
s Tag (bits 31–12): Read/Write, always available in
Write-through mode. Available only when EXT=0 in
TR5 in Write-back mode. For a cache write, this is
the tag that specifies the address in memory. On a
cache look-up, this is tag for the selected entry in the
cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com