Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
Am5X86 Microprocessor
AMD
PRELIMINARY
7.4
Entering System Management Mode
SMM is one of the major operating modes, along with
Protected mode, Real mode, and Virtual mode. Figure
27 shows how the processor can enter SMM from any
of the three modes and then return.
The external signal SMI causes the processor to switch
to SMM. The RSM instruction exits SMM. SMM is trans-
parent to applications, programs, and operating sys-
tems for the following reasons:
s The only way to enter SMM is via a type of non-
maskable interrupt triggered by an external signal
s The processor begins executing SMM code from a
separate address space, referred to earlier as sys-
tem management RAM (SMRAM)
s Upon entry into SMM, the processor saves the reg-
ister state of the interrupted program (depending on
the save mode) in a part of SMRAM called the SMM
context save space
s All interrupts normally handled by the operating sys-
tem or applications are disabled upon SMM entry
s A special instruction, RSM, restores processor reg-
isters from the SMM context save space and returns
control to the interrupted program
Similar to Real mode, SMM has no privilege levels or
address mapping. SMM programs can execute all I/O
and other system instructions and can address up to 4
Gbytes of memory.
7.5
Exiting System Management Mode
The RSM instruction (opcode 0F AAh) leaves SMM and
returns control to the interrupted program. The RSM
instruction can be executed only in SMM. An attempt to
execute the RSM instruction outside of SMM generates
an invalid opcode exception. When the RSM instruction
is executed and the processor detects invalid state in-
formation during the reloading of the save state, the
processor enters the shutdown state. This occurs in the
following situations:
s The value in the State Dump base field is not a
32-Kbyte aligned address
s A combination of bits in CR0 is illegal: (PG=1 and
PE=0) or (NW=1 and CD=0)
In Shutdown mode, the processor stops executing in-
structions until an NMI interrupt is received or reset ini-
tialization is invoked. The processor generates a
shutdown bus cycle.
Three SMM features can be enabled by writing to control
slots in the SMRAM state save area:
1.
Auto HALT Restart. It is possible for the SMI re-
quest to interrupt the HALT state. The SMI handler
can tell the RSM instruction to return control to the
HALT instruction or to return control to the instruc-
tion following the HALT instruction by appropriately
setting the Auto HALT Restart slot. The default op-
eration is to restart the HALT instruction.
2.
I/O Trap Restart. If the SMI was generated on an
I/O access to a powered-down device, the SMI han-
dler can instruct the RSM instruction to re-execute
that I/O instruction by setting the I/O Trap Restart
slot.
3.
SMBASE Relocation. The system can relocate the
SMRAM by setting the SMBASE Relocation slot in
the state save area. The RSM instruction sets SM-
BASE in the processor based on the value in the
SMBASE relocation slot. The SMBASE must be
aligned on 32-Kbyte boundaries.
A RESET also causes execution to exit from SMM.
7.6
Processor Environment
When an SMI signal is recognized on an instruction ex-
ecution boundary, the processor waits for all stores to
complete, including emptying the write buffers. The final
write cycle is complete when the system returns RDY
or BRDY. The processor then drives SMIACT active,
saves its register state to SMRAM space, and begins to
execute the SMI handler.
SMI has greater priority than debug exceptions and ex-
ternal interrupts. This means that if more than one of
these conditions occur at an instruction boundary, only
the SMI processing occurs. Subsequent SMI requests
are not acknowledged while the processor is in SMM.
The first SMI request that occurs while the processor is
in SMM is latched, and serviced when the processor
exits SMM with the RSM instruction. Only one SMI signal
is latched by the CPU while it is in SMM. When the CPU
invokes SMM, the CPU core registers are initialized as
indicated in Table 11.
Virtual
mode
System
Management
mode
Reset
Reset
or
RSM
SMI
RSM
RSM
VM=1
PE=1
Reset
or
PE=0
VM=0
Figure 27. Transition to and from SMM
Real
mode
Protected
mode
SMI
SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com