Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 33Page - Advanced Micro Devices AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices AM486DX2 Datasheet HTML 36Page - Advanced Micro Devices AM486DX2 Datasheet HTML 37Page - Advanced Micro Devices AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices AM486DX2 Datasheet HTML 39Page - Advanced Micro Devices AM486DX2 Datasheet HTML 40Page - Advanced Micro Devices AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
Am5X86 Microprocessor
37
AMD
PRELIMINARY
5.4
Pin State During Stop Grant
Table 9 shows the pin states during Stop Grant Bus
states. During the Stop Grant state, most output and
input/output signals of the microprocessor maintain the
level they held when entering the Stop Grant state. The
data and data parity signals are tri-stated. In response
to HOLD being driven active during the Stop Grant state
(when the CLK input is running), the CPU generates
HLDA and tri-states all output and input/output signals
that are tri-stated during the HOLD/HLDA state. After
HOLD is deasserted, all signals return to the same state
they were before the HOLD/HLDA sequence.
To achieve the lowest possible power consumption dur-
ing the Stop Grant state, the system designer must en-
sure that the input signals with pull-up resistors are not
driven Low, and the input signals with pull-down resis-
tors are not driven High.
All inputs except data bus pins must be driven to the
power supply rails to ensure the lowest possible current
consumption during Stop Grant or Stop Clock modes.
For compatibility, data pins must be driven Low to
achieve the lowest possible power consumption.
5.5
Clock Control State Diagram
Figure 20 shows the state transitions during a Stop
Clock cycle.
5.5.1
Normal State
This is the normal operating state of the CPU. While in
the normal state, the CLK input can be dynamically
changed within the specified CLK period stability limits.
5.5.2
Stop Grant State
The Stop Grant state provides a low-power state that
can be entered by simply asserting the external STPCLK
interrupt pin. When the Stop Grant bus cycle has been
placed on the bus, and either RDY or BRDY is returned,
the CPU is in this state. The CPU returns to the normal
execution state 10–20 clock cycles after STPCLK has
been deasserted.
While in the Stop Grant state, the pull-up resistors on
STPCLK and UP are disabled internally. The system
must continue to drive these inputs to the state they
were in immediately before the CPU entered the Stop
Grant State. For minimum CPU power consumption, all
other input pins should be driven to their inactive level
while the CPU is in the Stop Grant state.
Table 9. Pin State During Stop Grant Bus State
Signal
Type
State
A3–A2
O
Previous State
A31–A4
I/O
Previous State
D31–D0
I/O
Floated
BE3–BE0
O
Previous State
DP3–DP0
I/O
Floated
W/R, D/C, M/IO, CACHE
O
Previous State
ADS
O
Inactive
LOCK, PLOCK
O
Inactive
BREQ
O
Previous State
HLDA
O
As per HOLD
BLAST
O
Previous State
FERR
O
Previous State
PCHK
O
Previous State
SMIACT
O
Previous State
HITM
O
Previous State
.
t20
t21
Figure 19. Entering Stop Grant State
RDY
ADDR
STPCLK
CLK
Stop Grant Bus cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com