Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 22Page - Advanced Micro Devices AM486DX2 Datasheet HTML 23Page - Advanced Micro Devices AM486DX2 Datasheet HTML 24Page - Advanced Micro Devices AM486DX2 Datasheet HTML 25Page - Advanced Micro Devices AM486DX2 Datasheet HTML 26Page - Advanced Micro Devices AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
Am5X86 Microprocessor
AMD
Step 3 Two clock cycles after EADS is asserted, HITM
becomes valid, and is 0 because the line is mod-
ified.
Step 4 In the next clock, the core system logic deas-
serts the HOLD signal in response to the
HITM = 0 signal. The core system logic backs
off the current bus master at the same time so
that the microprocessor can access the bus.
HOLD can be reasserted immediately after
ADS is asserted for burst cycles.
Step 5 The snooping cache starts it’s write-back of the
modified line by asserting ADS = 0, CACHE =0,
and W/R = 1. The write access is a burst write.
The number of clock cycles between deassert-
ing HOLD to the snooping cache and first
asserting ADS for the write-back cycles can
vary. In this example, it is one clock cycle, which
is the shortest possible time. Regardless of the
number of clock cycles, the start of the write-
back is seen by ADS going Low.
Step 6 The write-back access is finished when BLAST
and BRDY both are 0.
Step 7 In the clock cycle after the final write-back ac-
cess, the processor drives HITM back to 1.
Step 8 HOLD is sampled by the microprocessor.
Step 9 One cycle after sampling HOLD High, the mi-
croprocessor transitions HLDA transitions to 1,
acknowledging the HOLD request.
Step 10 The core system logic removes hold-off control
to the external bus master. This allows the ex-
ternal bus master to immediately retry the abort-
ed access. ADS is strobed Low, which
generates EADS Low in the same clock cycle.
Step 11 The bus master restarts the aborted access.
EADS and INV are applied to the microproces-
sor as before. This starts another snoop cycle.
The status of the addressed line is now either shared
(INV = 0) or is changed to invalid (INV = 1).
4.8.5
Write-Back and Pending Access
Scenario: The following occurs when, in addition to the
write-back operation, other bus accesses initiated by
the processor associated with the snooped cache are
pending. The microprocessor gives the write-back ac-
cess priority. This implies that if HOLD is deasserted,
the microprocessor first writes back the modified line
(see Figure 9).
Figure 9. Write-Back and Pending Access
Note:
The circled numbers in this figure represent the steps in section 4.8.5.
EADS
External
bus master’s
BOFF signal
HLDA
Data
HOLD
HITM
ADS
INV
BRDY
BLAST
W/R
M/IO
ADR
CLK
valid
n
n
n
n+4
n+8 n+12
n+12
valid
n
2
3
1
7
8
9
10
6
5
11
floating/tri-stated
CACHE
4
n+8
n+4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com