Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 53Page - Advanced Micro Devices AM486DX2 Datasheet HTML 54Page - Advanced Micro Devices AM486DX2 Datasheet HTML 55Page - Advanced Micro Devices AM486DX2 Datasheet HTML 56Page - Advanced Micro Devices AM486DX2 Datasheet HTML 57Page - Advanced Micro Devices AM486DX2 Datasheet HTML 58Page - Advanced Micro Devices AM486DX2 Datasheet HTML 59Page - Advanced Micro Devices AM486DX2 Datasheet HTML 60Page - Advanced Micro Devices AM486DX2 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Am5X86 Microprocessor
57
AMD
PRELIMINARY
11
Electrical Data
The following sections describe recommended electri-
cal connections for the Am5X86 microprocessors and
electrical specifications.
11.1 Power and Grounding
11.1.1 Power Connections
Am5X86 microprocessors with 16 Kbytes of cache have
modest power requirements. However, the high clock
frequency output buffers can cause power surges as
multiple output buffers drive new signal levels simulta-
neously. For clean, on-chip power distribution at high
frequency, 23 V
CC pins and 28 VSS pins feed the micro-
processor in the 168-pin PGA package. The 208-pin
SQFP package includes 53 V
CC pins and 38 VSS pins.
Power and ground connections must be made to all
external V
CC and VSS pins of the microprocessors. On a
circuit board, all V
CC pins must connect to a VCC plane.
Likewise, all V
SS pins must connect to a common GND
plane.
The Am5X86 microprocessor family requires only 3.3 V
as input power. Unlike other 3-V processors, the
Am5X86 microprocessor family does not require a
VCC5 input of 5 V to indicate the presence of 5-V I/O
devices on the system motherboard. For socket com-
patibility, this pin is INC, allowing the Am5X86 CPU to
operate in 3-V sockets in systems that use 5-V I/O.
11.1.2 Power Decoupling Recommendations
Liberal decoupling capacitance should be placed near
the microprocessor. The microprocessor, driving its 32-
bit parallel address and data buses at high frequencies,
can cause transient power surges, particularly when
driving large capacitive loads.
Low inductance capacitors and interconnects are rec-
ommended for best high-frequency electrical perfor-
mance. Inductance can be reduced by shortening circuit
board traces between the microprocessor and the de-
coupling capacitors. Capacitors designed specifically
for use with PGA packages are commercially available.
11.1.3 Other Connection Recommendations
For reliable operation, always connect unused inputs to
an appropriate signal level. Active Low inputs should be
connected to V
CC through a pull-up resistor. Pull-ups in
the range of 20 K
Ω are recommended. Active High in-
puts should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com