Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 26Page - Advanced Micro Devices AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices AM486DX2 Datasheet HTML 31Page - Advanced Micro Devices AM486DX2 Datasheet HTML 32Page - Advanced Micro Devices AM486DX2 Datasheet HTML 33Page - Advanced Micro Devices AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30
Am5X86 Microprocessor
AMD
PRELIMINARY
Step 7 One clock cycle later BOFF is deasserted. The
write-back access starts one clock cycle later
because the BOFF has cleared the bus pipe-
line.
Step 8 AHOLD is deasserted. In the next clock cycle
the address for the write-back is driven on the
address bus.
Step 9 One cycle after BOFF is deasserted, the cache
immediately starts writing back the modified
line. This is indicated by ADS = 0 and W/R = 1.
Step 10 The write-back access is finished when BLAST
and BRDY go active 0.
Step 11 The BIU restarts the aborted cache line fill with
the previous read. This is indicated by ADS = 0
and W/R = 0.
Step 12 In the same clock cycle, the snooping cache
drives HITM back to 1.
Step 13 The previous read is now reread.
4.8.7
Special Scenarios for AHOLD Snooping
In addition to the previously described scenarios, there
are special scenarios regarding the time of the EADS
and AHOLD assertion. The final result depends on the
time EADS and AHOLD are asserted relative to other
processor-initiated operations.
4.8.7.1
Write Cycle Reordering due to Buffering
Scenario: The MESI cache protocol and the ability to
perform and respond to snoop cycles guarantee that
writes to the cache are logically equivalent to writes to
memory. In particular, the order of read and write oper-
ations on cached data is the same as if the operations
were on data in memory. Even non-cached memory
read and write requests usually occur on the external
bus in the same order that they were issued in the pro-
gram. For example, when a write miss is followed by a
read miss, the write data goes on the bus before the
read request is put on the bus. However, the posting of
writes in write buffers coupled with snooping cycles may
cause the order of writes seen on the external bus to
differ from the order they appear in the program. Con-
sider the following example, which is illustrated in Figure
14. For simplicity, snooping signals that behave in their
usual manner are not shown.
Step 1 AHOLD is asserted. No further processor-initi-
ated accesses to the external bus can be start-
ed. No other access is in progress.
Step 2 The processor writes data A to the cache, re-
sulting in a write miss. Therefore, the data is put
into the write buffers, assuming they are not full.
No external access can be started because
AHOLD is still 1.
R2
BOFF
Data
HITM
EADS
INV
AHOLD
R1
BRDY
BLAST
ADS
W/R
M/IO
ADR
CLK
W1 to CPU
don’t care
W1
W2
W3
W4
W1 from CPU
W3
W4
Figure 13. Cycle Reordering with BOFF (Write-Back)
Note:
The circled numbers in this figure represent the steps in section 4.8.6.
W2
11
12
R2 from CPU


‘
“
•
CACHE
Œ
R1 from CPU
”
’
Ž




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com