Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 9Page - Advanced Micro Devices AM486DX2 Datasheet HTML 10Page - Advanced Micro Devices AM486DX2 Datasheet HTML 11Page - Advanced Micro Devices AM486DX2 Datasheet HTML 12Page - Advanced Micro Devices AM486DX2 Datasheet HTML 13Page - Advanced Micro Devices AM486DX2 Datasheet HTML 14Page - Advanced Micro Devices AM486DX2 Datasheet HTML 15Page - Advanced Micro Devices AM486DX2 Datasheet HTML 16Page - Advanced Micro Devices AM486DX2 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Am5X86 Microprocessor
13
AMD
PRELIMINARY
3
PIN DESCRIPTIONS
The Am5X86 microprocessor provides the complete in-
terface support offered by the Enhanced Am486 micro-
processor family products. The CLKMUL pin settings
have changed to accommodate the higher operating
speed selection.
A20M
Address Bit 20 Mask (Active Low; Input)
A Low signal on the A20M pin causes the microproces-
sor to mask address line A20 before performing a lookup
to the internal cache, or driving a memory cycle on the
bus. Asserting A20M causes the processor to wrap the
address at 1 Mbyte, emulating Real mode operation.
The signal is asynchronous, but must meet setup and
hold times t20 and t21 for recognition during a specific
clock. During normal operation, A20M should be sam-
pled High at the falling edge of RESET.
A31–A4/A3–A2
Address Lines (Inputs/Outputs)/(Outputs)
Pins A31–A2 define a physical area in memory or indi-
cate an input/output (I/O) device. Address lines A31–A4
drive addresses into the microprocessor to perform
cache line invalidations. Input signals must meet setup
and hold times t22 and t23. A31–A2 are not driven during
bus or address hold.
ADS
Address Status (Active Low; Output)
A Low output from this pin indicates that a valid bus
cycle definition and address are available on the cycle
definition lines and address bus. ADS is driven active by
the same clock as the addresses. ADS is active Low and is
not driven during bus hold.
AHOLD
Address Hold (Active High; Input)
The external system may assert AHOLD to perform a
cache snoop. In response to the assertion of AHOLD,
the microprocessor stops driving the address bus A31–
A2 in the next clock. The data bus remains active and
data can be transferred for previously issued read or
write bus cycles during address hold. AHOLD is recog-
nized even during RESET and LOCK. The earliest that
AHOLD can be deasserted is two clock cycles after
EADS is asserted to start a cache snoop. If HITM is
activated due to a cache snoop, the microprocessor
completes the current bus activity and then asserts ADS
and drives the address bus while AHOLD is active. This
starts the write-back of the modified line that was the
target of the snoop.
BE3BE0
Byte Enable (Active Low; Outputs)
The byte enable pins indicate which bytes are enabled
and active during read or write cycles. During the first
cache fill cycle, however, an external system should
ignore these signals and assume that all bytes are
active.
s BE3 for D31–D24
s BE2 for D23–D16
s BE1 for D15–D8
s BE0 for D7–D0
BE3–BE0 are active Low and are not driven during bus
hold.
BLAST
Burst Last (Active Low; Output)
Burst Last goes Low to tell the CPU that the next BRDY
signal completes the burst bus cycle. BLAST is active
for both burst and non-burst cycles. BLAST is active
Low and is not driven during a bus hold.
BOFF
Back Off (Active Low; Input)
This input signal forces the microprocessor to float all
pins normally floated during hold, but HLDA is not as-
serted in response to BOFF. BOFF has higher priority
than RDY or BRDY; if both are returned in the same
clock, BOFF takes effect. The microprocessor remains
in bus hold until BOFF goes High. If a bus cycle is in
progress when BOFF is asserted, the cycle restarts.
BOFF must meet setup and hold times t18 and t19 for
proper operation. BOFF has an internal weak pull-up.
BRDY
Burst Ready Input (Active Low; Input)
The BRDY signal performs the same function during a
burst cycle that RDY performs during a non-burst cycle.
BRDY indicates that the external system has presented
valid data in response to a read, or that the external
system has accepted data in response to a write. BRDY
is ignored when the bus is idle and at the end of the first
clock in a bus cycle. BRDY is sampled in the second
and subsequent clocks of a burst cycle. The data pre-
sented on the data bus is strobed into the microproces-
sor when BRDY is sampled active. If RDY is returned
simultaneously with BRDY, BRDY is ignored and the
cycle is converted to a non-burst cycle. BRDY is active
Low and has a small pull-up resistor, and must satisfy
the setup and hold times t16 and t17.
BREQ
Internal Cycle Pending (Active High; Output)
BREQ indicates that the microprocessor has generated
a bus request internally, whether or not the micropro-
cessor is driving the bus. BREQ is active High and is
floated only during Tri-state Test mode (see FLUSH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com