Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 41Page - Advanced Micro Devices AM486DX2 Datasheet HTML 42Page - Advanced Micro Devices AM486DX2 Datasheet HTML 43Page - Advanced Micro Devices AM486DX2 Datasheet HTML 44Page - Advanced Micro Devices AM486DX2 Datasheet HTML 45Page - Advanced Micro Devices AM486DX2 Datasheet HTML 46Page - Advanced Micro Devices AM486DX2 Datasheet HTML 47Page - Advanced Micro Devices AM486DX2 Datasheet HTML 48Page - Advanced Micro Devices AM486DX2 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Am5X86 Microprocessor
45
AMD
PRELIMINARY
Note:
Interrupts from INT and NMI are disabled on SMM entry.
The following is a summary of the key features in the
SMM environment:
s Real mode style address calculation
s 4-Gbyte limit checking
s IF flag is cleared
s NMI is disabled
s TF flag in EFLAGS is cleared; single step traps are
disabled
s DR7 is cleared; debug traps are disabled
s The RSM instruction no longer generates an invalid
opcode error
s Default 16-bit opcode, register, and stack use
s All bus arbitration (HOLD, AHOLD, BOFF) inputs,
and bus sizing (BS8, BS16) inputs operate normally
while the CPU is in SMM
7.7
Executing System Management
Mode Handler
The processor begins execution of the SMI handler at
offset 8000h in the CS segment. The CS Base is initially
30000h, as shown in Table 12.
Notes:
1. The segment limit check is 4 Gbytes instead of the usual
64 Kbytes.
2. The Selector value for CS remains at 3000h even if the
SMBASE is changed.
The CS Base can be changed using the SMM Base
relocation feature
. When the SMI handler is invoked,
the CPU’s PE and PG bits in CR0 are reset to 0. The
processor is in an environment similar to Real mode,
but without the 64-Kbyte limit checking. However, the
default operand size and the default address size are
set to 16 bits. The EM bit is cleared so that no exceptions
are generated. (If the SMM was entered from Protected
mode, the Real mode interrupt and exception support
is not available.) The SMI handler should not use float-
ing-point unit instructions until the FPU is properly de-
tected (within the SMI handler) and the exception
support is initialized.
Because the segment bases (other than CS) are cleared
to 0 and the segment limits are set to 4 Gbytes, the
address space may be treated as a single flat 4-Gbyte
linear space that is unsegmented. The CPU is still in
Real mode and when a segment selector is loaded with
a 16-bit value, that value is then shifted left by 4 bits and
loaded into the segment base cache.
In SMM, the CPU can access or jump anywhere within
the 4-Gbyte logical address space. The CPU can also
indirectly access or perform a near jump anywhere with-
in the 4-Gbyte logical address space.
Table 11. SMM Initial CPU Core Register Settings
Register
SMM Initial State
General Purpose
Registers
Unmodified
EFLAGS
0000 0002h
CR0
Bits 0, 2, 3, and 31 cleared (PE, EM, TS,
and PG); rest unmodified
DR6
Unpredictable state
DR7
0000 0400h
GDTR, LDTR,
IDTR, TSSR
Unmodified
EIP
0000 8000h
Table 12. Segment Register Initial States
Segment
Register
Selector
Base
Attributes
Limit1
CS2
3000h
30000h
16-bit,
expand up
4 Gbytes
DS
0000h
00000000h
16-bit,
expand up
4 Gbytes
ES
0000h
00000000h
16-bit,
expand up
4 Gbytes
FS
0000h
00000000h
16-bit,
expand up
4 Gbytes
GS
0000h
00000000h
16-bit,
expand up
4 Gbytes
SS
0000h
00000000h
16-bit,
expand up
4 Gbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com