Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices AM486DX2 Datasheet HTML 31Page - Advanced Micro Devices AM486DX2 Datasheet HTML 32Page - Advanced Micro Devices AM486DX2 Datasheet HTML 33Page - Advanced Micro Devices AM486DX2 Datasheet HTML 34Page - Advanced Micro Devices AM486DX2 Datasheet HTML 35Page - Advanced Micro Devices AM486DX2 Datasheet HTML 36Page - Advanced Micro Devices AM486DX2 Datasheet HTML 37Page - Advanced Micro Devices AM486DX2 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
34
Am5X86 Microprocessor
AMD
PRELIMINARY
4.9.3
Snooping During Cache Flushing
As with snooping during normal operation, snooping is
permitted during a cache flush, whether initiated by the
FLUSH pin or WBINVD instruction. After completion of
the snoop, and write-back, if needed, the microproces-
sor completes the copy-back of modified cache lines.
4.10 Burst Write
The Am5X86 microprocessor improves system perfor-
mance by implementing a burst write feature for cache
line write-backs and copy-backs. Standard write oper-
ations are still supported. Burst writes are always four
32-bit words and start at the beginning of a cache line
address of 0 for the starting access. The timing of the
BLAST and BRDY signals is identical to the burst read.
Figure 16 shows a burst write access. (See Figure 17
and Figure 18 for burst read and burst write access with
BOFF asserted.) In addition to using BLAST, the
CACHE signal indicates burstable cycles.
CACHE is a cycle definition pin used when in Write-back
mode (CACHE floats in Write-through mode). For pro-
cessor-initiated cycles, the signal indicates:
s
For a read cycle, the internal cacheability of the cycle
s
For a write cycle, a burst write-back or copy-back, if
KEN is asserted (for linefills).
Table 8. FLUSH Special Bus Cycles
A32–A2
M/IO D/C W/R BE3 BE2 BE1 BE0 Bus Cycle
0000 0001h
0
0
1
0
1
1
1
First Flush
Acknowledge
0000 0001h
0
0
1
1
1
0
1
Second
Flush
Acknowledge
W/R
BRDY
ADS
BLAST
ADR
M/IO
XX4
Data
XX0
XX0
XX4
XX8
XXC
Figure 16. Burst Write
CLK
CACHE
XXC
XX8
Data
to CPU
BRDY
BOFF
XX0
XX4
don’t care
ADR
XX0
ADS
BLAST
M/IO
W/R
CLK
XX4
XX4
XX8
XXC
XX4
XX8
XXC
Figure 17. Burst Read with BOFF Assertion
CACHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com