Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 21Page - Advanced Micro Devices AM486DX2 Datasheet HTML 22Page - Advanced Micro Devices AM486DX2 Datasheet HTML 23Page - Advanced Micro Devices AM486DX2 Datasheet HTML 24Page - Advanced Micro Devices AM486DX2 Datasheet HTML 25Page - Advanced Micro Devices AM486DX2 Datasheet HTML 26Page - Advanced Micro Devices AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Am5X86 Microprocessor
25
AMD
PRELIMINARY
4.8.3
External Bus Master Snooping Actions
The following scenarios describe the snooping actions
of an external bus master.
4.8.3.1
Snoop Miss
Scenario: A snoop of the on-chip cache does not hit a
line, as shown in Figure 6.
Step 1 The microprocessor is placed in Snooping
mode with HOLD. HLDA must be High for a
minimum of one clock cycle before EADS as-
sertion. In the fastest case, this means that
HOLD was asserted one clock cycle before the
HLDA response.
Step 2 EADS and INV are applied to the microproces-
sor. If INV is 0, a read access caused the snoop-
ing cycle. If INV is 1, a write access caused the
snooping cycle.
Step 3 Two clock cycles after EADS is asserted, HITM
becomes valid. Because the addressed line is
not in the snooping cache, HITM is 1.
4.8.3.2
Snoop Hit to a Non-Modified Line
Scenario: The snoop of the on-chip cache hits a line,
and the line is not modified (see Figure 7).
Step 1 The microprocessor is placed in Snooping
mode with HOLD. HLDA must be High for a
minimum of one clock cycle before EADS as-
sertion. In the fastest case, this means that
HOLD was asserted one clock cycle before the
HLDA response.
Step 2 EADS and INV are applied to the microproces-
sor. If INV is 0, a read access caused the snoop-
ing cycle. If INV is 1, a write access caused the
snooping cycle.
Step 3 Two clock cycles after EADS is asserted, HITM
becomes valid. In this case, HITM is 1.
4.8.4
Write-Back Case
Scenario: Write-back accesses are always burst writes
with a length of four 32-bit words. For burst writes, the
burst always starts with the microprocessor line offset
at 0. HOLD must be deasserted before the write-back
can be performed (see Figure 8).
Step 1 HOLD places the microprocessor in Snooping
mode. HLDA must be High for a minimum of
one clock cycle before EADS assertion. In the
fastest case, this means that HOLD asserts one
clock cycle before the HLDA response.
Step 2 EADS and INV are asserted. If INV is 0, snoop-
ing is caused by a read access. If INV is 1,
snooping is caused by a write access. EADS is
not sampled again until after the modified line
is written back to memory. It is detected again
as early as in Step 11.
EADS
External
bus master’s
BOFF signal
HLDA
Data
HOLD
HITM
ADS
INV
BRDY
BLAST
W/R
M/IO
ADR
CLK
valid
n
n
n
n+4
n+8 n+12
n+1
valid
n
Figure 8. Snoop That Hits a Modified Line (Write-Back)
Note:
The circled numbers in this figure represent the steps in section 4.8.4.
2
3
1
7
8
9
10
6
5
11
floating/tri-stated
CACHE
floating/tri-stated
4
n+8
n+4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com