Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM486DX2 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM486DX2 Datasheet HTML 23Page - Advanced Micro Devices AM486DX2 Datasheet HTML 24Page - Advanced Micro Devices AM486DX2 Datasheet HTML 25Page - Advanced Micro Devices AM486DX2 Datasheet HTML 26Page - Advanced Micro Devices AM486DX2 Datasheet HTML 27Page - Advanced Micro Devices AM486DX2 Datasheet HTML 28Page - Advanced Micro Devices AM486DX2 Datasheet HTML 29Page - Advanced Micro Devices AM486DX2 Datasheet HTML 30Page - Advanced Micro Devices AM486DX2 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Am5X86 Microprocessor
27
AMD
PRELIMINARY
Step 1 HOLD places the microprocessor in Snooping
mode. HLDA must be High for a minimum of
one clock cycle before EADS assertion. In the
fastest case, this means that HOLD asserts one
clock cycle before the HLDA response.
Step 2 EADS and INV are asserted. If INV is 0, snoop-
ing is caused by a read access. If INV is 1,
snooping is caused by a write access. EADS is
not sampled again until after the modified line
is written back to memory. It is detected again
as early as in Step 11.
Step 3 Two clock cycles after EADS is asserted, HITM
becomes valid, and is 0 because the line is
modified.
Step 4 In the next clock the core system logic deasserts
the HOLD signal in response to the HITM = 0.
The core system logic backs off the current bus
master at the same time so that the micropro-
cessor can access the bus. HOLD can be re-
asserted immediately after ADS is asserted for
burst cycles.
Step 5 The snooping cache starts its write-back of the
modified line by asserting ADS = 0, CACHE =0,
and W/R = 1. The write access is a burst write.
The number of clock cycles between deassert-
ing HOLD to the snooping cache and first as-
serting ADS for the write-back cycles can vary.
In this example, it is one clock cycle, which is
the shortest possible time. Regardless of the
number of clock cycles, the start of the write-
back is seen by ADS going Low.
Step 6 The write-back access is finished when BLAST
and BRDY both are 0.
Step 7 In the clock cycle after the final write-back ac-
cess, the processor drives HITM back to 1.
Step 8 HOLD is sampled by the microprocessor.
Step 9 A minimum of 1 clock cycle after the completion
of the pending access, HLDA transitions to 1,
acknowledging the HOLD request.
Step 10 The core system logic removes hold-off control
to the external bus master. This allows the ex-
ternal bus master to immediately retry the abort-
ed access. ADS is strobed Low, which
generates EADS Low in the same clock cycle.
Step 11 The bus master restarts the aborted access.
EADS and INV are applied to the microproces-
sor as before. This starts another snoop cycle.
The status of the addressed line is now either shared
(INV = 0) or is changed to invalid (INV = 1).
4.8.5.1
HOLD/HLDA Write-Back Design
Considerations
When designing a write-back cache system that uses
HOLD/HLDA as the bus arbitration method, the follow-
ing considerations must be observed to ensure proper
operation (see Figure 10).
HLDA
CLK
ADS
BLAST
BRDY
HOLD
Valid Hold Assertion
Figure 10. Valid HOLD Assertion During Write-Back
HITM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com