Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 52Page - OSRAM GmbH AS7331 Datasheet HTML 53Page - OSRAM GmbH AS7331 Datasheet HTML 54Page - OSRAM GmbH AS7331 Datasheet HTML 55Page - OSRAM GmbH AS7331 Datasheet HTML 56Page - OSRAM GmbH AS7331 Datasheet HTML 57Page - OSRAM GmbH AS7331 Datasheet HTML 58Page - OSRAM GmbH AS7331 Datasheet HTML 59Page - OSRAM GmbH AS7331 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 55
8.2.5
Configuration Register 3
– CREG3 (Address 8h)
Figure 50:
Configuration Register 3
Addr: 8h
CREG3
Bit
Bit Name
Default
Access
Bit Description
7:6
MMODE
01
RW
Value [b]
Function
00
CONT mode (continuous
measurement).
01
CMD mode (measurement
per command).
10
SYNS mode (externally
synchronized start of
measurement).
11
SYND mode (start and
end of measurement are
externally synchronized).
4
SB
0
RW
Value [b]
Function
0
Standby is switched OFF.
1
Standby is switched ON.
3
RDYOD
0
RW
Value [b]
Function
0
Pin READY operates as
Push Pull output.
1
Pin READY operates as
Open Drain output.
1:0
CCLK
00
RW
Value [b]
Internal clock frequency
fCLK
00
1.024 MHz
01
2.048 MHz
10
4.096 MHz
11
8.192 MHz
The bits CREG3:MMODE specify the measurement mode, which should be compatible with the given
application.
The bit CREG3:SB controls the operational state Standby of the AS7331. In the Standby state the
power consumption of the device is reduced, but the internal circuit is ready to continue after 4 µs
wake-up time by switching off Standby.
With bit CREG3:RDYOD the output READY pin can be changed from push-pull to open-drain
behavior. The open-drain output allows running two or more AS7331 simultaneously whilst connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com