Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 14Page - OSRAM GmbH AS7331 Datasheet HTML 15Page - OSRAM GmbH AS7331 Datasheet HTML 16Page - OSRAM GmbH AS7331 Datasheet HTML 17Page - OSRAM GmbH AS7331 Datasheet HTML 18Page - OSRAM GmbH AS7331 Datasheet HTML 19Page - OSRAM GmbH AS7331 Datasheet HTML 20Page - OSRAM GmbH AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 17
Any active measurement is stopped and all output result registers as well as the status register are
reset as well.
7.2
Measurement Modes
The AS7331 provides four different modes to perform the measurement. The register
CREG3:MMODE (see Figure 50) defines the measurement mode that is performed by the device. In
general, it is recommended not to communicate via the I²C during the conversion. Use pause times
between two conversion cycles for data transfer via the I²C interface. To support such behavior, a
variable pause time (TBREAK) is implemented (register BREAK in Figure 51), which delays the start of
the next conversion cycle in the measurement modes CONT, SYNS, and SYND. The I²C commands
sent to the AS7331 always take effect after the complete I²C write cycle with an I²C stop condition at
the end.
7.2.1
Continuous Measurement Mode
– CONT
The A/D conversion is sequentially performed. The first conversion starts by setting the bit OSR:SS to
“1”. If the power down or Standby option is switched on, the device deactivates it and initializes the
continuous measurement. The measurement can only be stopped by resetting the OSR:SS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com