Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 19Page - OSRAM GmbH AS7331 Datasheet HTML 20Page - OSRAM GmbH AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 22
Figure 16:
Principle Sequence for a Measurement Start in SYNS Mode, OSR:DOS = 011b and
OSR:SS = “1”
7.2.4
Synchronous Measurement Start and End Mode
– SYND
In this mode, the signal at pin SYN completely controls the start and stop of measurement. When the
device is waiting in the Measurement state and OSR:SS is set to
“1” the first falling edge at pin SYN
starts the measurement. Each following falling edge of signal SYN, which occurs within the conversion
time, can continue or stop the measurement. The content of the register EDGES determines which
edge is the stopping one. That means the measurement will not stop until a certain number of falling
edges at pin SYN pass within the conversion time. The value of register EDGES determines the
number of edges (see Figure 17 and chapter 8.2.7). Figure 17 shows the principle sequence for a
measurement to start in SYND mode. While waiting in the Measurement state is shown as IDLE, after
OSR:SS is set to “1” (see Figure 45) the AS7331 waits for signal SYN to start. The conversion time is
set to 06h in register EDGES, during the pause time (TBREAK), and falling edges at pin SYN are
ignored.
IDLE
STATE
MRES1 …
MRES3
READY
I²C activity
SYN
IDLE
start
MEASURMENT 2
PAUSE
MEASUREMENT 1
data
fetch
RESULTS 1
TCONV
start
TBREAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com