Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 36Page - OSRAM GmbH AS7331 Datasheet HTML 37Page - OSRAM GmbH AS7331 Datasheet HTML 38Page - OSRAM GmbH AS7331 Datasheet HTML 39Page - OSRAM GmbH AS7331 Datasheet HTML 40Page - OSRAM GmbH AS7331 Datasheet HTML 41Page - OSRAM GmbH AS7331 Datasheet HTML 42Page - OSRAM GmbH AS7331 Datasheet HTML 43Page - OSRAM GmbH AS7331 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 39
Figure 33:
Achievable GAIN for Different Internal Clock Frequencies Chosen by CREG3:CCLK
CREG3:CCLK
[dec]
0
1
2
3
fCLK [MHz]
1.024
2.048
4.096
8.192
CREG1:GAIN [dec]
Adjustable GAIN
0
2048x
1024x
512x
256x
1
1024x
2
512x
512x
3
256x
256x
256x
4
128x
128x
128x
64x
5
64x
64x
64x
6
32x
32x
32x
16x
7
16x
16x
16x
8
8x
8x
8x
4x
9
4x
4x
4x
10
2x
2x
2x
1x
11
1x
1x
1x
During the measurement cycle, within the conversion time TCONV, an input signal overdrive must be
avoided - even if it occurs limited in time, related to TCONV. In this case, the input light is too much
concerning the chosen irradiance responsivity Re, of the AS7331 tolerates. An internal function of the
analog conversion monitors all channels during the conversion process, in terms of the relation of
input light and chosen irradiance responsivity Re, determined via CREG1:GAIN. In case the input light
of at least one of the channels is too much, the status bit STATUS:ADCOF (see Figure 55) is set to
signal the problem and the chosen GAIN of the A/D converter (CREG1:GAIN) has to be decreased, to
reduce the irradiance responsivity Re, of the sensor.
7.5
Divider
To expand the measurement ranges, an internally implemented divider or pre-scaler can be used to
scale the results. This might be necessary if the resolution of the conversion is set to a value higher
than 16 bits. If the digital divider is used, the conversion result is downscaled according to the
equation:
Equation 5:
MRES
N
FSR
R
MRES
E
DIV
CLK
E
e
DIV
e
e
[dec]
1
[dec]
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com