Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 37Page - OSRAM GmbH AS7331 Datasheet HTML 38Page - OSRAM GmbH AS7331 Datasheet HTML 39Page - OSRAM GmbH AS7331 Datasheet HTML 40Page - OSRAM GmbH AS7331 Datasheet HTML 41Page - OSRAM GmbH AS7331 Datasheet HTML 42Page - OSRAM GmbH AS7331 Datasheet HTML 43Page - OSRAM GmbH AS7331 Datasheet HTML 44Page - OSRAM GmbH AS7331 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 40
Where:
MRES = Digital output value of the conversion (content of output registers MRES1 to MRES3).
Ee =
Input light irradiance regarding the photodiode’s area within the conversion time interval.
FSREe = Full Scale Range of detectable input light irradiance Ee.
Re = Irradiance responsivity (see Figure 48).
NCLK = Number of clock cycles within the conversion time interval TCONV (see Figure 48).
21+DIV[dec] =
Value of the divider factor respectively prescaler (CREG2:DIV = 7…0), see Figure 49.
The A/D converters of the AS7331 operate with a resolution of 24 bits, but their results are only
provided as 16-bit wide values. The divider allows you to read out the otherwise unavailable upper 8
bits, depending on the value of CREG2:DIV if CREG2:EN_DIV is set to
“1”.
Therefore, the divider acts as a feature to digitally downscale the converter gain, but with a larger full-
scale range (FSR). The effective dynamic range of the device is increased without changing the
conversion time.
Figure 34:
Relation of the Measurement Result to the Conversion Time Without Divider Respectively
Prescaler
Figure 34 shows the width of the register for the conversion time (OUTCONV), which represents the
internal resolution of the A/D conversion. Furthermore,
the measurement result (MRES[1…3]) is
shown, which is 16-bit wide. For all conversion times from 210 to 216, there is no need to use the
divider, because OUTCONV is limited to the conversion time length.
For conversion times bigger than 216, the conversion result is longer than 16 bits. Without the function
of the divider, the result always contain the 16 least significant bits. The divider makes it possible to
access the most significant bits by shifting the 16-bit resolution of the measurement result over the
possible range of the resolution given by the conversion time register (OUTCONV).
Figure 35 shows an example, where CREG2:DIV = 2 dec, and therefore the divider factor is 23. Thus,
MRES corresponds to the bits 18 to 3 of register OUTCONV, making the least significant bits and the
full-scale range eight times higher than if the divider is not used.
0
12 11 10 9 8 7 6 5 4 3 2
1
19 18 17 16 15 14 13
20
23 22 21
0
12 11 10 9 8 7 6 5 4 3 2
1
15 14 13
OUTCONV
MRES
CREG2:EN_DIV = ‚0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com