Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 20Page - OSRAM GmbH AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 23
Figure 17:
Principle Sequence for a Measurement Start in SYND Mode
The conversion time (TCONV) is determined by the duration between the edges of the start and stop of
the SYN signal. If CREG2:EN_
TM is set to “1”, the register OUTCONV contains an equivalent amount
of TCONV as counts of the internal clock. With the value of OUTCONV, the measurement results can be
calculated more precisely (see chapter 7.6).
7.3
Energy Saving Options
The usage of the energy-saving options is consistent for all measurement modes. The signal path at
pin READY always represents, independent of wake-up times or synchronizing events at pin SYN
concerning the internal clock, the real measurement process. Every measurement mode can be
terminated with OSR:SS =
“0” or changing to the configuration state at every time, whereas
uncompleted A/D conversions are not stored. In the case of both energy-saving options power down
state (POWDOWN) and standby state (STANDBY) are switched on (OSR:PD =
“1” and
CREG3:SB =
“1”). The startup times (TSTARTPD and TSTARTSB) run one after the other after power down
and standby are switched off.
7.3.1
Power Down
Power down is an option to reduce power consumption. After applying the power supply voltage
including power-on reset or after software reset, the AS7331 stays in power down state. The clock
generator and all analog parts of the device are turned off. The power consumption of the device is
close to zero. The digital part of the AS7331 stays idle, but full communication via the I²C interface is
granted in the configuration and measurement state.
ID
STATE
READY
I²C activity
OSR
80h
start 1.
2.
3.
4.
5.
6.
start
2.
3.
SYN
1.
IDLE
PAUSE
MEASUREMENT 2
TCONV
MEASUREMENT 1
TBREAK
RESULTS 1
data
fetch
RESULT 1
MRES1 …
MRES3
IDLE
OUTCONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com