Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 50Page - OSRAM GmbH AS7331 Datasheet HTML 51Page - OSRAM GmbH AS7331 Datasheet HTML 52Page - OSRAM GmbH AS7331 Datasheet HTML 53Page - OSRAM GmbH AS7331 Datasheet HTML 54Page - OSRAM GmbH AS7331 Datasheet HTML 55Page - OSRAM GmbH AS7331 Datasheet HTML 56Page - OSRAM GmbH AS7331 Datasheet HTML 57Page - OSRAM GmbH AS7331 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 53
Addr: 6h
CREG1
Bit
Bit Name
Default
Access
Bit Description
Value [b]
Value
[dec]
TCONV
in ms
Number of clocks
0000
0
1
1024
210
0001
1
2
2048
211
0010
2
4
4096
212
0011
3
8
8192
213
0100
4
16
16384
214
0101
5
32
32768
215
0110
6
64
65536
216
0111
7
128
131072
217
1000
8
256
262144
218
1001
9
512
524288
219
1010
10
1024
1048576
220
1011
11
2048
2097152
221
1100
12
4096
4194304
222
1101
13
8192
8388608
223
1110
14
16384
16777216 224
1111
15
1
1024
210
8.2.4
Configuration Register 2
– CREG2 (Address 7h)
In general, the registers CREG2 and CREG3 define the measurement modes and additional device
specific options.
Figure 49:
Configuration Register 2
Addr: 7h
CREG2
Bit
Bit Name
Default
Access
Bit Description
6
EN_TM
1
RW
Value
Function
0
In combination with SYND
mode, the internal
measurement of the conversion
time is disabled and no
temperature measurement
takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com