Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7331 Datasheet HTML 1Page - OSRAM GmbH AS7331 Datasheet HTML 2Page - OSRAM GmbH AS7331 Datasheet HTML 3Page - OSRAM GmbH AS7331 Datasheet HTML 4Page - OSRAM GmbH AS7331 Datasheet HTML 5Page - OSRAM GmbH AS7331 Datasheet HTML 6Page - OSRAM GmbH AS7331 Datasheet HTML 7Page - OSRAM GmbH AS7331 Datasheet HTML 8Page - OSRAM GmbH AS7331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Document Feedback
AS7331
General Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 3
1
General Description
The AS7331 is a low-power, low noise integrated UV sensor. The three separated UVA, UVB and
UVC channels convert optical radiation signals via photodiodes to a digital result and realize a
continuous or triggered measurement. The irradiance responsivity can be adjusted via Gain,
conversion time and internal clock frequency to effect sensitivity, full scale range and LSB. The by the
AS7331 detected amount of radiation in the set Gain and conversion time configuration will be
provided as digital counts by the AS7331. The AS7331 offers a range of 12 Gain steps by a factor of
two for each step. The conversion time is internally controlled over a wide range of 15 steps by a
factor of two for each step. With the input pin (SYN), the conversion time can be externally controlled
to adapt the measurement to the given environment and time base.
With its irradiance responsivity factor and conversion time, the AS7331 supports an overall huge
dynamic range up to 3.43E+10 (resolution multiplied by gain range). It achieves an accuracy of up to
24-bit signal resolution (internal via I²C and shifter 16-bit), with an irradiance responsivity per count
down to 2.38 nW/cm² at 64 ms integration time. Via an integrated divider, the 16-bit I²C output can be
adjusted to the significant bits of interest.
Equation 1:
������������������������������������������ ������������������������������ =
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������ ������������������������������ ������������������������������
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������������ ������������������������������������������������������������������ ������������������
Automatic power down (sleep function) between subsequent measurements offers operation with very
low current consumption. Furthermore, a synchronized mode and other control modes adjustable by
user programming can be used. The supported operating modes of the AS7331 are:
CMD Mode
– Single measurement and conversion (controlled via I²C interface).
CONT Mode
– Continuous measurement and conversion (periodically recurring measuring
cycles) start and stop controlled via I²C interface.
SYN[x] Modes
– Synchronized measurement and conversion:
[SYNS Mode] synchronization of start via the control signal at pin SYN.
[SYND Mode] synchronization of start and stop of measuring cycles via control signal at
pin SYN.
The conversion data can be accessed by the I²C interface with programmable slave addresses via
16- bit / 400 kHz fast mode. The measurement of the current conversion time for an externally
triggered measurement can be performed. The measurement modes will not affect the settings of the
irradiance responsivity and conversion time. Furthermore, the converter supports functions like power
down and standby, which is suitable in mobile applications. Based on the high flexibility, the AS7331 is
suitable as an optical converter for three different wavelength ranges. The device achieves a high
dynamic range for fluorescence applications and for measurements of UV radiations. This makes the
UV sensors excellently suited for photometry applications (UV exposure, UV-index), for monitoring of
UVC disinfection treatments, fluorescence detection, and mobile devices for UV radiation
measurements. The AS7331 contains an integrated temperature sensor for rough compensation of
the thermic behavior. The device is available in a small SMD package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com