Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 38Page - OSRAM GmbH AS7331 Datasheet HTML 39Page - OSRAM GmbH AS7331 Datasheet HTML 40Page - OSRAM GmbH AS7331 Datasheet HTML 41Page - OSRAM GmbH AS7331 Datasheet HTML 42Page - OSRAM GmbH AS7331 Datasheet HTML 43Page - OSRAM GmbH AS7331 Datasheet HTML 44Page - OSRAM GmbH AS7331 Datasheet HTML 45Page - OSRAM GmbH AS7331 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 41
Figure 35:
Relation of the Measurement Result to the Conversion Time with Enabled and Set Divider
7.6
Conversion Time Measurement in SYND Mode
In the case of SYND measurement mode, the conversion time is fully controlled by the external signal
at the SYN pin. The relative deviation of this time to the internal clock frequency2 can produce some
deviations in the conversion result. However, this time can be measured in time units of the internal
system clock extended up to 24 bits. It allows for the recalculation of the measured input light more
precisely (see chapter 7.4). Furthermore, the measurement result can be compensated for any
deviation, which can occur in the clock frequency due to temperature or supply voltage variations. The
conversion time measurement can be enabled by setting bit CREG2:EN_TM bit to
“1” (see Figure 49).
At the end of the conversion, the result is stored into the output register, OUTCONV, (see Figure 54)
synchronously with the measurement results (MRES).
The stored value follows the relation:
Equation 6:
CLK
CONV
f
T
OUTCONV
The bit STATUS:OUTCONVOF of the status register (see Figure 55) shows an overflow of the
conversion time counter, OUTCONV. In case it happens and the conversion is still in process, the
counter, OUTCONV, starts again at 0. For the calculation of the full-scale range (FSR) see Equation 2,
Equation 3, Equation 4 in chapter 7.4.
7.7
Temperature Measurement
In addition to the three optical channels, a temperature measurement is done in parallel. The
measurement result is available as TEMP of the output result registers. The resolution of the
temperature measurement is 12 bits by a step size of 0.05 K per bit, which means 20 counts per
Kelvin. The value of the chip temperature (silicon
– measured in °C) is equal to:
2 The system clock is internally generated and is subject to technological tolerances, which means that clock frequencies of
different devices may vary.
0
12 11 10 9 8 7 6 5 4 3 2
1
19 18 17 16 15 14 13
20
23 22 21
0
12 11 10 9 8 7 6 5 4 3 2
1
15 14 13
OUTCONV
MRES
CREG2:EN_DIV = ‚1'
CREG2:DIV = 2 dec
DIV = 7 … 2 … 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com