Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH AS7331 Datasheet HTML 31Page - OSRAM GmbH AS7331 Datasheet HTML 32Page - OSRAM GmbH AS7331 Datasheet HTML 33Page - OSRAM GmbH AS7331 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 29
The following example of a SYNS mode shows the correct measurement procedure but with an
unfavorable chosen application. After the start of measurement with bit OSR:SS =
“1” only the falling
edges marked in red (see Figure 25) at pin SYN are accepted as the start condition. Because of the
tight distances of the SYN edges, many falling edges are ignored during the startup phase (TSTARTPD),
conversion time (TCONV), and pause time (TBREAK).
Figure 25:
Principle Sequence of Measurement in SYNS Mode (OSR:PD
, OSR:SS are set to “1”)
Continuously occurring SYN pulses (e.g. generated by a PWM controlling the measurement mode
SYND) are ignored in the configuration state and whilst pause time, TBREAK, (see Figure 26) is
activated. It is recommended to increase the default value of the BREAK register accordingly, if the
time reference result OUTCONV must be read via the I²C interface. The EDGES register gives the
conversion time, but as shown in Figure 26 the real conversion time is always represented by TCONV at
pin READY. Furthermore, the output result OUTCONV can be used to get the right measurement
result (see also chapters 7.4 and 7.6). Figure 26 shows the principle sequence of measurement in
SYND mode, which is ready for wake-up after switching off the power down
state with OSR:PD = “0”,
and setting OSR:SS to
“1” in the configuration state, then waiting for the start via pin SYN (with
exemplary settings of EDGES = 06h and CREG3:SB =
“1” for energy-saving during pause time
TBREAK).
READY
SYN
MRES1 …
MRES3
start
start
RESULTS 1
POWDOWN
STATE
MEAS
PAUSE
POWDOWN
MEASUREMENT 1
TBREAK
I²C activity
OSR
C0h
data
fetch
TCONV
TSTARTPD
TSTARTPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com