Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 8Page - OSRAM GmbH AS7331 Datasheet HTML 9Page - OSRAM GmbH AS7331 Datasheet HTML 10Page - OSRAM GmbH AS7331 Datasheet HTML 11Page - OSRAM GmbH AS7331 Datasheet HTML 12Page - OSRAM GmbH AS7331 Datasheet HTML 13Page - OSRAM GmbH AS7331 Datasheet HTML 14Page - OSRAM GmbH AS7331 Datasheet HTML 15Page - OSRAM GmbH AS7331 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Document Feedback
AS7331
Electrical Characteristics
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TSTARTSB
Startup Time after
Standby state(1)
Until the start of
the first
measurement.
4
5
µs
TSTARTPD
Startup Time after
Power Down state(1)
Until the start of
the first
measurement.
1.2
2
ms
TSYNDEL
SYN Trigger Delay(1)
From falling
SYN-edge to
the start of the
measurement.
3
1/fCLK
TSYN
SYN Negative or
Positive Pulse
Width(1)
SYN
recognized as
the start or end
pulse of the
measurement.
3
1/fCLK
Temperature Sensor(1)
T_abs_err
Temperature
Absolute Error
-10
10
K
ADC(1)
RES
ADC Resolution
10
24
bit
TCONV
Conversion Time
CREG3:CCLK
= 00b fCLKMIN
1
16384
ms
CREG3:CCLK
= 11b fCLKMAX
0.125
2048
ms
∆TCONV
Conversion Time
Tolerance
Related to fCLK
-25
25
%
INL
Integral Nonlinearity
-0.02
0.02
%
DNL
Differential
Nonlinearity
No missing
codes.
-0.5
0.5
LSB
DFSR
Full Scale ADC Code
Per channel
1024
65535
counts
DDARK
Dark ADC Count
Value
Ee = 0;
GAIN = 2048x
TCONV = 64 ms
@ fCLKMIN
8
counts
ENOB
Effective Number of
Bits
GAIN = 64x
TCONV = 64 ms
@ fCLKMIN
15.4
bit
(1)
These parameters are representative results by lab characterization and not included in the mass production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com