Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 16Page - OSRAM GmbH AS7331 Datasheet HTML 17Page - OSRAM GmbH AS7331 Datasheet HTML 18Page - OSRAM GmbH AS7331 Datasheet HTML 19Page - OSRAM GmbH AS7331 Datasheet HTML 20Page - OSRAM GmbH AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 19
Information
Please note that the break time should be long enough to prevent overlapping of data fetch
activities with the measurement for avoiding measurement disturbances, which could cause
distortions of the measurement results.
Figure 13:
Principle Sequence for a Measurement Start in CONT Mode
7.2.2
Command Measurement Mode
– CMD
The CMD mode enables a start of a single conversion. Each conversion starts by setting the bit
OSR:SS to “1”. The conversion time (TCONV) is determined by the content of the register CREG1:TIME
(see Figure 48). Figure 14 shows the first measurement starting from the Configuration state by
setting the bits of the Device Operational State (OSR:DOS) and Start/Stop (OSR:SS) at the same time
with OSR = 83h. To start the next measurement, OSR = 80h is set (only bit OSR:SS,
OSR:DOS = 000b corresponds to NOP
– no operation, see also Figure 45.
The rising edge of READY signalizes the end of conversion and its valid output data can be read via
the I²C interface (data fetch).
IDLE
P
PAUSE
MRES1 …
MRES3
READY
STATE
I²C activity
MEASUREMENT 1
data
fetch
start (OSR:SS ← ,1')
a)
IDLE
RESULTS 1
RESULTS 2
data
fetch
stop (OSR:SS ← ,0')
b)
MEASUREMENT 2
TCONV
TCONV
TBREAK
TBREAK aborted
PAUSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com