Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 25
2.
Coming from power down
state activated by OSR:PD = “1”, the AS7331 is not actively switched
on until OSR:SS is set to
“1” (together while or with OSR:DOS = 011b). This means the bit
OSR:SS is a direct start condition for the CMD and CONT modes, whereas for both SYN
modes, the falling edge at pin SYN is necessary for the startup. The programmed measurement
mode follows after startup, marked by the falling edge of the signal path at the READY pin. If
the configuration contains CREG3:SB =
“1” (as the example in Figure 19 shows), additionally
after startup time (TSTARTPD), the wake-up time (TSTARTSB) of 4 µs follows, before the
measurement starts.
Figure 19:
Principle Start of
the Measurement from OSR:PD = “1” and CREG3:SB = “1”
Figure 19 shows the principle start of
the measurement from OSR:PD = “1” and CREG3:SB = “1”:
a)
CREG3 programming: bit CREG3:SB =
“1”,
b)
OSR programming: C3h, start of the measurement with prior run of TSTARTPD and TSTARTSB.
The programmed energy-saving option (before or when the measurement is started or during the
measurement) is switched on after the regular end of the measurement and storing of the results
within the buffer registers. In case of an abortion of
the measurement with OSR:SS = “0” or switching
to the configuration state the energy saving option is switched on without saving any results.
7.3.2
Standby
Standby is another option for reducing the power consumption, but compared to power down, fewer
internal analog components are switched off to be able to become active again in a very short time.
The digital part of the AS7331 stays idle, but full communication via the I²C interface is granted in
configuration and measurement states. The CREG3:SB bit can only be changed in the configuration
mode. The wake-up process is possible in combination with the start condition of the configured
measurement mode. Standby is automatically deactivated by starting the CMD or CONT
measurement mod
e by setting the bit OSR:SS to “1”. In addition, for the measurement modes SYNS
and SYND, an initiated start is necessary by the falling edge of the signal at pin SYN. While starting
TSTARTSB
MEASUREMENT
S
CONFIGURATION
POWDOWN
STATE
I²C activity
OSR
C3h
b)
CREG3:SB ← ‚1'
a)
TSTARTPD
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com