Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 15Page - OSRAM GmbH AS7331 Datasheet HTML 16Page - OSRAM GmbH AS7331 Datasheet HTML 17Page - OSRAM GmbH AS7331 Datasheet HTML 18Page - OSRAM GmbH AS7331 Datasheet HTML 19Page - OSRAM GmbH AS7331 Datasheet HTML 20Page - OSRAM GmbH AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 18
Figure 12:
State Machine of CONT Mode
The conversion time (TCONV) is determined by the content of the register CREG1:TIME (see
Figure 48). The rising edge of READY signalizes the end of each conversion and its available valid
results. Figure 48 shows the principle sequence for a measurement starting in CONT mode, while
waiting in the Measurement state shows IDLE:
1.
OSR programming: 83h, start of conti
nuous measurement via OSR:SS = “1”, while the device is
already in measurement mode (OSR:DOS = 011b),
2.
OSR programming: 03h, abortion of conti
nuous measurement via OSR:SS = “0” while pause
time (TBREAK) is already activated to get the last measurement results.
It is recommended to read the measurement results during the break between two consecutive
conversions. This pause time (TBREAK) can be configured in steps of 8
μs up to 2040 μs (Figure 53).
CONT
PAUSE
CONFIG
POWDOWN
PD = 0
MMODE = 0
SB = 0
PD = 0
MMODE = 0
SB = 0
M_IDLE
STANDBY
PD = 0
SS = 1
MMODE = 1
SB = 1
PD = 0
MMODE = 0
SB = 0
PD = 0
MMODE = 1
SB = 1
PD = 0
SS = 1
MMODE = 1
SB = 0
PD = 0
MMODE = 1
SB = 0
PD = 1
PD = 0
SS = 1
MMODE = 1
SB = 0
PD = 0
SS = 1
MMODE = 1
SB = 1
PD = 1
PD = 1
PD = 0
MMODE = 0
PD = 1
PD = 0
MMODE = 0
SB = 1
SS = 1
SB = 0
PD = 1
PD = 0
SS = 0
MMODE = 1
SB = 0
MMODE = 1
PD = 1
Power-up
PD = 0
MMODE = 0
SB = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com