Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 46Page - OSRAM GmbH AS7331 Datasheet HTML 47Page - OSRAM GmbH AS7331 Datasheet HTML 48Page - OSRAM GmbH AS7331 Datasheet HTML 49Page - OSRAM GmbH AS7331 Datasheet HTML 50Page - OSRAM GmbH AS7331 Datasheet HTML 51Page - OSRAM GmbH AS7331 Datasheet HTML 52Page - OSRAM GmbH AS7331 Datasheet HTML 53Page - OSRAM GmbH AS7331 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 49
8.2
Detailed Register Description
8.2.1
Operational State Register - OSR (Address 0h)
Figure 45:
Operational State Register
Addr: 0h
OSR
Bit
Bit Name
Default
Access
Bit Description
7
SS
0
RW
Number
Function
0
Stop of measurement.
1
Start of measurement (only if
DOS = MEASUREMENT).
6
PD
1
RW
Number
Function
0
Power Down state switched
OFF.
1
Power Down state switched
ON.
3
SW_RES
0
RW
Only active during write access, a read access
always returns
“0”.
Number
Function
0
-
1
Software reset
2:0
DOS
010
RW
Device operational state.
The OSR result of a register read process
always returns 010b or 011b for the DOS bits.
Number
Function
00X
NOP (no change of DOS).
010
Operational state:
CONFIGURATION
011
Operational state:
MEASUREMENT
1XX
NOP (no change of DOS).
DOS switches the operational state of the AS7331 between configuration and measurement. The
configuration state enables access to the control register bank (Figure 44) and no measurement takes
place. The measurement access to the result registers can only be performed in the measurement
state. Then any access to the control register bank (except OSR) will not be possible. If the
operational state is switched back to the configuration state by DOS = 010b, the control registers will
keep their values and the measurement result registers will be cleared. Any ongoing measurement will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com