Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 31Page - OSRAM GmbH AS7331 Datasheet HTML 32Page - OSRAM GmbH AS7331 Datasheet HTML 33Page - OSRAM GmbH AS7331 Datasheet HTML 34Page - OSRAM GmbH AS7331 Datasheet HTML 35Page - OSRAM GmbH AS7331 Datasheet HTML 36Page - OSRAM GmbH AS7331 Datasheet HTML 37Page - OSRAM GmbH AS7331 Datasheet HTML 38Page - OSRAM GmbH AS7331 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 34
TIME(1)
8
9
10
11
12
13
14
15
16x
83.01
41.50
20.75
10.38
5.19
2.59
1.30
21250.00
8x
166.02
83.01
41.50
20.75
10.38
5.19
2.59
42500.00
4x
332.03
166.02
83.01
41.50
20.75
10.38
5.19
85000.00
2x
664.06
332.03
166.02
83.01
41.50
20.75
10.38
170000.00
1x
1328.13
664.06
332.03
166.02
83.01
41.50
20.75
340000.00
(1)
TIME (TCONV) – given by CREG1:TIME = 8 … 15 dec, NCLK – number of clock cycle within conversion time TCONV,
RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11 dec up to GAIN = 2048x given
by CREG1:GAIN = 0 dec (see Figure 48).
Figure 29:
UVB-
Channel (λ = 280 nm – 315 nm) Programmable FSR and LSB of the Detectable Input Light
Irradiance Ee
TIME(1)
0
1
2
3
4
5
6
7
NCLK
(1)
1024
2048
4096
8192
16384
32768
65536
131072
TCONV[ms]
(1)
1
2
4
8
16
32
64
128
RESOL[bit](1)
10
11
12
13
14
15
16
17
GAIN(1)
FSR [µW/cm²] of detectable irradiance Ee (channel B)
2048x
189.00(2)
94.50
1024x
378.00
189.00
512x
756.00
378.00
256x
1512.00
756.00
128x
3024.00
1512.00
64x
6048.00
3024.00
32x
12096.00
6048.00
16x
24192.00
12096.00
8x
48384.00
24192.00
4x
96768.00
48384.00
2x
193536.00
96768.00
1x
387072.00
193536.00
GAIN(1)
LSB [nW/cm²]
– least significant bit of FSR (channel B)
2048x
184.57
92.29
46.14
23.07
11.54
5.77
2.88
1.44
1024x
369.14
184.57
92.29
46.14
23.07
11.54
5.77
2.88
512x
738.28
369.14
184.57
92.29
46.14
23.07
11.54
5.77
256x
1476.56
738.28
369.14
184.57
92.29
46.14
23.07
11.54
128x
2953.13
1476.56
738.28
369.14
184.57
92.29
46.14
23.07
64x
5906.25
2953.13
1476.56
738.28
369.14
184.57
92.29
46.14
32x
11812.50
5906.25
2953.13
1476.56
738.28
369.14
184.57
92.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com