Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH AS7331 Datasheet HTML 31Page - OSRAM GmbH AS7331 Datasheet HTML 32Page - OSRAM GmbH AS7331 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 28
It is also possible to use the power down state in combination with SYNS mode. The falling edge at
pin SYN immediately starts the conversion after power down ends shown by the signal at pin READY.
That kind of measurement is only useful in case the distance between falling edges at pin SYN is
more than the conversion time, pause time, and startup time altogether. Figure 23 shows the principle
sequence of measurement in SYNS mode being ready
(bits OSR:PD = “1” and OSR:SS = “1”) and
waiting for the falling edge at pin SYN to startup.
Figure 23:
Principle Sequence of Measurement in SYNS Mode
By additionally activating s
tandby (bit CREG3:SB = “1”), a maximum amount of energy can be saved,
because the operational readiness is not given until shortly before A/D conversion starts. When
starting reading process of the results (pause time), the device is also saving energy in the standby
state (see Figure 24). Figure 24 shows the principle sequence of measurement in SYNS mode being
ready with OSR:PD = “1” (as in Figure 23), but with bit CREG3:SB = “1” to save a maximum amount of
energy as explained above.
Figure 24:
Principle Sequence of Measurement in SYNS
Mode Being Ready with OSR:PD = “1”
MEASUREMENT
PAUSE
POWDOWN
POWDOWN
MEASUREMENT 1
STATE
MRES1 …
MRES3
READY
I²C activity
data
fetch
RESULTS 1
OSR
C0h
SYN
TCONV
start
start
TBREAK
TSTARTPD
TSTARTPD
SBY
S
MEASUREMENT 1
S
POWDOWN
STATE
MRES1 …
MRES3
READY
I²C activity
OSR
C0h
SYN
start
MEASUREMENT
PAUSE
POWDOWN
data
fetch
RESULTS 1
start
TBREAK
TCONV
TSTARTPD
TSTARTSB
TSTARTPD
TSTARTSB
STANDBY
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com