Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 41Page - OSRAM GmbH AS7331 Datasheet HTML 42Page - OSRAM GmbH AS7331 Datasheet HTML 43Page - OSRAM GmbH AS7331 Datasheet HTML 44Page - OSRAM GmbH AS7331 Datasheet HTML 45Page - OSRAM GmbH AS7331 Datasheet HTML 46Page - OSRAM GmbH AS7331 Datasheet HTML 47Page - OSRAM GmbH AS7331 Datasheet HTML 48Page - OSRAM GmbH AS7331 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 44
7.8.1
I²C Timing Characteristics
Figure 39:
I²C Slave Timing Characteristics of the AS7331
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
I²C Clock Frequency at SCL.
RPULLUP
≥ 820 Ω
CL(SCL, SDA)
≤ 400 pF
400
kHz
tHIGH
SCL High Pulse Width.
0.6
µs
tLOW
SCL Low Pulse Width.
1.3
µs
tR
SCL and SDA Rise Time.
0.3
µs
tF
SCL and SDA Fall Time.
0.3
µs
tHD;STA
Hold Time Start Condition.
0.6
µs
tSU;SDA
Setup Time Start Condition.
0.6
µs
tHD;DATM
SDA Data Hold Time (Master).
Data transfer from
master to slave
0.02
µs
tHD;DATS
SDA Data Hold Time (Slave).
Data transfer from
slave to master
0.3
0.9
µs
tSU;DAT
Data Setup Time.
0.1
µs
tSU;STO
Setup Time Stop Condition.
0.6
µs
tBUF
Bus Free Time between a Stop
and a Start Condition.
1.3
µs
7.8.2
I²C Timing Diagrams
Figure 40:
I²C Slave Timing Diagram
7.8.3
I²C Write Protocol
The start byte consists of the slave address
followed by the bit R/W set to “0” for the write direction.
The first byte after the start byte is always the address pointer to the internal register, which the
master wants to write. When the master sends the next byte, it is stored in the internal register,
P
S
Sr
S
tSU;STA
tHD;STA
tBUF
tSU;STO
S = start condition
Sr = repeated start condition
P = stop condition
tR
tF
tHIGH
tLOW
tHD;DAT
tSU;DAT
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com