Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 59 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 55Page - OSRAM GmbH AS7331 Datasheet HTML 56Page - OSRAM GmbH AS7331 Datasheet HTML 57Page - OSRAM GmbH AS7331 Datasheet HTML 58Page - OSRAM GmbH AS7331 Datasheet HTML 59Page - OSRAM GmbH AS7331 Datasheet HTML 60Page - OSRAM GmbH AS7331 Datasheet HTML 61Page - OSRAM GmbH AS7331 Datasheet HTML 62Page - OSRAM GmbH AS7331 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 58
Addr: Bh
OPTREG
Bit
Bit Name
Default [b]
Access
Bit Description
0
INIT_IDX
1
RW
Value [b]
Function
0
Defining the index address is
only possible via write
sequence and not affected
by I²C STOP condition, which
is necessary, if the I²C
master does not support the
I²C repeated START
condition.
1
Each I²C STOP condition
sets the internal register
address to the default value.
After writing an index
address, it is possible to
change the data direction for
reading using I²C repeated
START condition.
8.2.9
Output Register Bank
All output result registers are 16-bit registers. The read access of the registers is only possible if the
Measurement state is activated. One exception offers register OSR, which is also writable. In that
case, one byte is assigned to the address 0h (see chapter 8.2.1). However, the read access of
address 0h in the Measurement state results in the first byte for OSR information and the second byte
for STATUS information.
Figure 54:
Output Result Register Bank
Address(1)
[hex]
Access(2)
Name
Number
of Bits
Description
0
RW
OSR
8(1)
Operational State Register.
RO
STATUS
8(1)
Status Register.
1
RO
TEMP
16(2)
Temperature Measurement Result (0h +
12 bits for the value).
2
RO
MRES1
16(2)
Measurement Result A-Channel.
3
RO
MRES2
16(2)
Measurement Result B-Channel.
4
RO
MRES3
16(2)
Measurement Result C-Channel.
5
RO
OUTCONVL
16(2)
Time reference, result of conversion time
measurement (least significant byte and
middle byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com