Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 32Page - OSRAM GmbH AS7331 Datasheet HTML 33Page - OSRAM GmbH AS7331 Datasheet HTML 34Page - OSRAM GmbH AS7331 Datasheet HTML 35Page - OSRAM GmbH AS7331 Datasheet HTML 36Page - OSRAM GmbH AS7331 Datasheet HTML 37Page - OSRAM GmbH AS7331 Datasheet HTML 38Page - OSRAM GmbH AS7331 Datasheet HTML 39Page - OSRAM GmbH AS7331 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 35
TIME(1)
0
1
2
3
4
5
6
7
16x
23625.00
11812.50
5906.25
2953.13
1476.56
738.28
369.14
184.57
8x
47250.00
23625.00
11812.50
5906.25
2953.13
1476.56
738.28
369.14
4x
94500.00
47250.00
23625.00
11812.50
5906.25
2953.13
1476.56
738.28
2x
189000.00
94500.00
47250.00
23625.00
11812.50
5906.25
2953.13
1476.56
1x
378000.00
189000.00
94500.00
47250.00
23625.00
11812.50
5906.25
2953.13
(1)
TIME (TCONV) – given by CREG1:TIME = 0 … 7 dec, NCLK – number of clock cycle within conversion time TCONV, RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11 dec up to GAIN = 2048x given by
CREG1:GAIN = 0 dec (see Figure 48).
(2)
Basic sensitivity of the UVB-channel.
Figure 30:
UVB-
Channel (λ = 280 nm – 315 nm) Programmable FSR and LSB of the Detectable Input Light
Irradiance Ee
TIME(1)
8
9
10
11
12
13
14
15
NCLK
(1)
262144
524288
1.05E+06
2.10E+06
4.19E+06
8.39E+06
1.68E+07
1024
TCONV[s]
(1)
0.256
0.512
1.024
2.048
4.096
8.192
16.384
0.001
RESOL[bit](1)
18
19
20
21
22
23
24
10
GAIN(1)
FSR [µW/cm²] of detectable irradiance Ee (channel B)
2048x
47.25
23.63
11.81
5.91
2.95
1.48
0.74
189.00
1024x
94.50
47.25
23.63
11.81
5.91
2.95
1.48
378.00
512x
189.00
94.50
47.25
23.63
11.81
5.91
2.95
756.00
256x
378.00
189.00
94.50
47.25
23.63
11.81
5.91
1512.00
128x
756.00
378.00
189.00
94.50
47.25
23.63
11.81
3024.00
64x
1512.00
756.00
378.00
189.00
94.50
47.25
23.63
6048.00
32x
3024.00
1512.00
756.00
378.00
189.00
94.50
47.25
12096.00
16x
6048.00
3024.00
1512.00
756.00
378.00
189.00
94.50
24192.00
8x
12096.00
6048.00
3024.00
1512.00
756.00
378.00
189.00
48384.00
4x
24192.00
12096.00
6048.00
3024.00
1512.00
756.00
378.00
96768.00
2x
48384.00
24192.00
12096.00
6048.00
3024.00
1512.00
756.00
193536.00
1x
96768.00
48384.00
24192.00
12096.00
6048.00
3024.00
1512.00
387072.00
GAIN(1)
LSB [nW/cm²]
– least significant bit of FSR (channel B)
2048x
0.72
0.36
0.18
0.09
0.05
0.02
0.01
184.57
1024x
1.44
0.72
0.36
0.18
0.09
0.05
0.02
369.14
512x
2.88
1.44
0.72
0.36
0.18
0.09
0.05
738.28
256x
5.77
2.88
1.44
0.72
0.36
0.18
0.09
1476.56
128x
11.54
5.77
2.88
1.44
0.72
0.36
0.18
2953.13
64x
23.07
11.54
5.77
2.88
1.44
0.72
0.36
5906.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com