Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 21Page - OSRAM GmbH AS7331 Datasheet HTML 22Page - OSRAM GmbH AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 24
In case the Device Operational State (DOS) is set to the measurement mode, the start/stop of
measurement is possible by setting the OSR:SS bit and reading measurement data. The power down
can be switched on and off by the bit OSR:PD (Figure 45). Switching on power down via the bit
O
SR:PD = “1”, changes the AS7331 to the power down state after the end of an ongoing
measurement. Switching off power down (OSR:PD =
‚0‘) results in a change to the Idle state (IDLE for
waiting) or standby state depending on the bit CREG3:SB. This change to another operational state is
delayed by the startup time (TSTARTPD) typically of 1.2 ms. A conversion can start in all the
measurement modes while the power down
state is activated (OSR:PD = “1”). In the measurement
modes CMD and CONT, it is done by setting the bit OSR:SS to
‚1‘. In addition, the falling edge of the
signal at pin SYN for the measurement modes SYNS and SYND initiate the start. In all cases, the start
of the conversion is delayed by the startup time (TSTARTPD). After the conversion in the CMD, SYNS
and SYND modes, the AS7331 changes back into the power down state, whereas the measurement
of the CONT mode is interactive until it is stopped by setting the bit OSR:SS = to
“0” before it changes
back into the power down state.
There are two methods for startup of the AS7331:
1.
After applying the power supply voltage, including power-on reset, or after software reset, the
OSR:PD bit must be set to “0” via the I²C interface communication. The analog part and the
internal clock system start to work along with the defined configuration of the AS7331.
Nevertheless, it is still possible to change the configuration in front of the time b) in Figure 18.
The Device Operational State changes to the Measurement state to start the measurement
(OSR:SS = “1”) without further delay caused by energy-saving options.
Figure 18 shows the principle sequence after power-on reset and separated writing of the bits
OSR:PD, OSR:DOS, and OSR:SS:
a)
OSR programming: 02h, after TSTARTPD continuing within only the configuration state,
b)
OSR programming: 03h, change to the Measurement state
– waiting is shown as IDLE,
c)
OSR programming: 80h, start of the measurement as stated in t
he device’s configuration.
Figure 18:
Principle Sequence After Power-On Reset and Separated Writing of the Bits OSR:PD, OSR:DOS
and OSR:SS
POWDOWN
MEASUREMENT
CONFIGURATION
IDLE
STATE
TSTARTPD
I²C activity
Start
OSR:SS ← ‚1'
c)
OSR:DOS
011b
b)
OSR:PD ← ‚0'
a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com