Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH AS7331 Datasheet HTML 31Page - OSRAM GmbH AS7331 Datasheet HTML 32Page - OSRAM GmbH AS7331 Datasheet HTML 33Page - OSRAM GmbH AS7331 Datasheet HTML 34Page - OSRAM GmbH AS7331 Datasheet HTML 35Page - OSRAM GmbH AS7331 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 31
Where:
MRES = Digital output value of the conversion (content of output registers MRES1 to MRES3).
Ee =
Input light irradiance regarding to the photodiode’s area within the conversion time interval.
FSREe = Full Scale Range of detectable input light irradiance Ee.
Re = Irradiance responsivity (see Figure 12).
TCONV = Conversion time interval.
NCLK = Number of clock cycles within the conversion time interval TCONV (see Figure 11).
fCLK = Clock frequency.
In the CONT, CMD and SYNS modes the conversion time, TCONV, is internally generated1. In the
SYND mode the conversion time is defined by the timing of the external pulses at the SYN pin and the
number of pulses stored in the EDGES register (see Figure 17 chapter 7.6 and chapter 8.2.7).
The number of clock counts within this interval is a constant number, which keeps the output result
independent of the internal clock frequency. In this case, the input light irradiance Ee, regarding the
area of the photodiode of the channel can be represented by Equation 2. In SYND mode Equation 3
represents the externally generated conversion time TCONV, and the conversion result. If the
conversion time measurement is activated
(CREG2:EN_TM = “1”) the number of clock counts within
the externally given conversion time can also be internally captured. So the input light irradiance Ee
regarding the photodiode’s area of the channel can be calculated as:
Equation 4:
MRES
OUTCONV
FSR
E
e
E
e
Where:
MRES = Digital output value of the conversion (content of output registers MRES1 to MRES3).
Ee =
Input light irradiance regarding the photodiode’s area within the conversion time interval.
FSREe = Full Scale Range of detectable input light irradiance Ee.
OUTCONV = Conversion time duration expressed as the number of clock counts within this time.
In this way, the input light irradiance can be measured independently of the internal frequency and the
external conversion time variations in SYND mode.
1 The system clock is internally generated and is subject to technological tolerances. As such, the clock frequency may vary,
which must be considered when calculating the time to be programmed (e.g. registers BREAK for pause time TBREAK or
CREG1:TIME for conversion time TCONV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com