Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 5 Page - OSRAM GmbH

  AS7331 Datasheet HTML 1Page - OSRAM GmbH AS7331 Datasheet HTML 2Page - OSRAM GmbH AS7331 Datasheet HTML 3Page - OSRAM GmbH AS7331 Datasheet HTML 4Page - OSRAM GmbH AS7331 Datasheet HTML 5Page - OSRAM GmbH AS7331 Datasheet HTML 6Page - OSRAM GmbH AS7331 Datasheet HTML 7Page - OSRAM GmbH AS7331 Datasheet HTML 8Page - OSRAM GmbH AS7331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Document Feedback
AS7331
General Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 4
1.1
Key Benefits and Features
The benefits and features of AS7331, Spectral UVA/B/C Sensor are listed below:
Figure 1:
Added Value of Using AS7331
Benefits
Features
Separated UVA, UVB and UVC radiation
measurements
Three separated UV detectors with interference filter
technology
UV-radiation measurements from low to
high radiation conditions
High dynamic range up to
3.43E+10 (16…24-Bit ADC)
Usable for fluorescence light conditions
High sensitivity up to 421 counts/(µW/cm²) in UVA,
Smallest LSB 2.38 nW/cm² (at 64 ms integration time).
Up to four AS7331 sensors on the same
I²C bus in parallel
Adjustable I²C addresses
Mobile applications
Low-power operation, Power-on Reset, Power-down
and standby, small OLGA package
Temperature compensation of
measurement results
Integrated temperature sensor
1.2
Applications
UV-Disinfection (water, air, surfaces)
UV-Curing
Phototherapy
Analytics
Home Appliances
Horticulture
1.3
Block Diagram
Figure 2 shows the main components of the AS7331. The photodiodes convert the incoming radiation
to a photocurrent and with a subsequent current-to-digital converter to digital data. An internal
reference generator provides all the necessary references for the A/D conversion and the photodiodes
by using an external resistor REXT at pin REXT. The results of the A/D conversion are stored in three
16-bit registers and can be accessed via the I²C interface. For the externally triggered start or start
and stop of the measurement, the input pin SYN can be used. The output READY reflects the status
of the conversion. The internal temperature sensor delivers the on-chip temperature, stored as a 12-bit
value in a 16-bit register, which can be accessed via the I²C interface as well. The pins A0 and A1 set
the I²C slave address. Separated analog and digital power supply and ground pins reduce noise
coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com