Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 52 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 48Page - OSRAM GmbH AS7331 Datasheet HTML 49Page - OSRAM GmbH AS7331 Datasheet HTML 50Page - OSRAM GmbH AS7331 Datasheet HTML 51Page - OSRAM GmbH AS7331 Datasheet HTML 52Page - OSRAM GmbH AS7331 Datasheet HTML 53Page - OSRAM GmbH AS7331 Datasheet HTML 54Page - OSRAM GmbH AS7331 Datasheet HTML 55Page - OSRAM GmbH AS7331 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 51
This case indicates that the Application Programming Interface (API) has been changed. The default
value for the AS7331 is 21h.
Figure 47:
API Generation Register
Addr: 2h
AGEN
Bit
Bit Name
Default
Access
Bit Description
7:4
DEVID
0010
RO
Device ID number.
3:0
MUT
0001
RO
Mutation number of control
register bank.
8.2.3
Configuration Register 1
– CREG1 (Address 6h)
CREG1:GAIN determines the irradiance responsivity of the sensor, which is different regarding the
channels A, B, and C, and in each case regarding to the used wavelen
gth λ. Internally the A/D
converter runs with different gain factors concerning the bit CREG1:GAIN (see Figure 33).
CREG1:TIME controls the conversion time duration as a multiple of the internal clock periods. In case
the start and end of measurement are controlled externally via the input trigger signal at the SYN pin
(equal to SYND mode). CREG1:TIME does not influence the conversion time.
Figure 48:
Configuration Register 1
Addr: 6h
CREG1
Bit
Bit Name
Default
Access
Bit Description
7:4
GAIN
1010
RW
Defines the irradiance responsivity of the AS7331.
CREG1:TIME = 1010b (1024 ms)
CREG3:CCLK = 00b (1 MHz)
Value [b]
Index Channels
A/B/C
Full Scale
Range Ee
[µW/cm2]
Effective
LSB of
FSR
[nw/cm2]
0000
GAINA = 2048x
10.63
0.16
GAINB = 2048x
11.81
0.18
GAINC = 2048x
5.19
0.08
0001
GAINA = 1024x
21.25
0.32
GAINB = 1024x
23.63
0.36
GAINC = 1024x
10.38
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com