Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 23Page - OSRAM GmbH AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH AS7331 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 26
the measurement, the A/D conversion follows immediately after the wake-up time (TSTARTSB) of about
4 µs.
Figure 20 shows the principle start and stop sequence of measurement after startup with
OSR:PD =
“0” and CREG3:SB = “1”:
a)
CREG3 programming: B
it CREG3:SB = “1”,
b)
OSR programming: 02h, after startup continuing with configuration mode,
c)
OSR programming: 83h, measurement start, wake-up and conversion, return to standby
after measurement ends.
Figure 20:
Principle Start and Stop Sequence of a Measurement After Startup with OSR:PD =
“0” and
CREG3:SB = “1”
7.3.3
Examples
For both modes, CONT and SYN, it is recommended to configure a pause time, TBREAK, (register
BREAK Figure 51), to avoid disturbances during the A/D conversion caused by the I²C interface
communication. The selectable pause time using the register BREAK should be long enough, such
that all the output results are read before the next conversion starts (automatically in CONT modus or
synchronized via pin SYN in SYN modes). While the pause time (TBREAK) is running, it is possible to
save energy if the bit CREG3:SB is configured to
“1”. The wake-up time, TSTARTSB, of about 4 µs is
short, compared to the necessary time for the I²C communication protocol represented by the BREAK
register.
Figure 21 shows the principle sequence of CONT mode;
if CREG3:SB is set to “1”, saving energy is
possible while the pause time TBREAK is activated for I²C interface communication.
STANDBY
CONFIGURATION
POWDOWN
MEASUREMENT
STANDBY
STATE
I²C activity
OSR
83h
c)
OSR:PD ← ‚0'
b)
CREG3:SB ← ‚1'
a)
TSTARTPD
TSTARTSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com