Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 56Page - OSRAM GmbH AS7331 Datasheet HTML 57Page - OSRAM GmbH AS7331 Datasheet HTML 58Page - OSRAM GmbH AS7331 Datasheet HTML 59Page - OSRAM GmbH AS7331 Datasheet HTML 60Page - OSRAM GmbH AS7331 Datasheet HTML 61Page - OSRAM GmbH AS7331 Datasheet HTML 62Page - OSRAM GmbH AS7331 Datasheet HTML 63Page - OSRAM GmbH AS7331 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 59
Address(1)
[hex]
Access(2)
Name
Number
of Bits
Description
6
RO
OUTCONVH
16(2)
Time reference, result of conversion time
measurement (most significant byte and
one empty byte with 00h).
(1)
Read access of address 0h in measurement state results in a first byte for OSR information and a second byte for
STATUS information.
(2)
The Least Significant Byte comes first.
STATUS Register (Address 0h)
Figure 55:
STATUS Register
Addr: 0h
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
OUTCONVOF(1)(2)
-
RO
Digital overflow of the internal 24-
bit time reference OUTCONV.
6
MRESOF(2)
-
RO
Overflow of at least one of the
measurement result registers
MRES1 … MRES3.
5
ADCOF(2)
-
RO
Overflow of at least one of the
internal conversion channels
during the measurement (e.g.
caused by pulsed light)
– analog
evaluation is made.
4
LDATA(3)
-
RO
Measurement results in the buffer
registers were overwritten before
they were transferred to the output
result registers. A transfer takes
place as part of an I²C read
process of at least one register of
the output register bank.
3
NDATA(4)
-
RO
New measurement results were
transferred from the temporary
storage to the output result
registers.
2
NOTREADY
-
RO
Corresponds to the inverted signal
at the output pin READY.
Value
Function
0
Measurement
progress is finished
or not started yet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com