Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 54Page - OSRAM GmbH AS7331 Datasheet HTML 55Page - OSRAM GmbH AS7331 Datasheet HTML 56Page - OSRAM GmbH AS7331 Datasheet HTML 57Page - OSRAM GmbH AS7331 Datasheet HTML 58Page - OSRAM GmbH AS7331 Datasheet HTML 59Page - OSRAM GmbH AS7331 Datasheet HTML 60Page - OSRAM GmbH AS7331 Datasheet HTML 61Page - OSRAM GmbH AS7331 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 57
Figure 52:
EDGES Register
Addr: Ah
EDGES
Bit
Bit Name
Default
Access
Bit Description
7:0
EDGES
01h
RW
Value [dec]
Function
1…255
Number of SYN falling
edges.
8.2.8
Option Register - OPTREG (Address Bh)
The register bit OPTREG:INIT_IDX allows to communicate via the I²C with simple masters, which do
not support the I²C repeated START condition. In this case, the start address for a read operation can
only be set by complete write access with the I²C STOP condition at the end. For this kind of simple
I²C master
, the bit INIT_IDX has to be “0”. Then, the reading of data starts at the given index address.
After each data transfer, the index address is incremented.
With INIT_IDX set to “1”, each short read operation starts at the default address 2h in Measurement
mode and 0h in Configuration mode. The setting of the internal read index address followed by the I²C
repeated START condition, works as usual. After each data transfer, the index address is
incremented. Please also see chapter 7.8.4.
Figure 53:
Option Register
Addr: Bh
OPTREG
Bit
Bit Name
Default [b]
Access
Bit Description
7:1
-
0111001
-
Reserved
(Default value after power-on reset and
software reset, but different, irrelevant
values after changing CREG1:GAIN or
CREG3:CCLK. The recommended write
value is 0000000b in case of
OPTREG:INIT_IDX should be changed.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com