Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 24Page - OSRAM GmbH AS7331 Datasheet HTML 25Page - OSRAM GmbH AS7331 Datasheet HTML 26Page - OSRAM GmbH AS7331 Datasheet HTML 27Page - OSRAM GmbH AS7331 Datasheet HTML 28Page - OSRAM GmbH AS7331 Datasheet HTML 29Page - OSRAM GmbH AS7331 Datasheet HTML 30Page - OSRAM GmbH AS7331 Datasheet HTML 31Page - OSRAM GmbH AS7331 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 27
Figure 21:
Principle Sequence of CONT Mode
– if CREG3:SB is Set to “1”
Another example shows, that after the end of a conversion in CMD mode the AS7331 returns to power
down and/or standby state depending on the bits OSR:PD and CREG
3:SB. In case of both bits are “0”
while the measurement state the device would return to idle, waiting for the next measurement to start.
Figure 22 shows the principle sequence whereas measurement starts in CMD mode with power down
and standby switched on (device is already in measurement state):
a)
CREG3 programming: B
it CREG3:SB = “1” was set in Configuration state (not shown),
b)
OSR programming: C0h, “startup” and “wake-up” before conversion starts,
c)
“Automatically” OSR programming: 43h, the end of conversion resets bit OSR:SS, to
power down.
Figure 22:
Principle Sequence Whereas Measurement is Started in CMD Mode with Power Down, Standby
Switched On
STANDBY
MRES1 …
MRES3
READY
STATE
I²C activity
MEASUREMENT 1
data
fetch
RESULTS 1
RESULTS 2
data
fetch
TBREAK
MEASUREMENT 2
MEASUREMENT 3
TCONV
TCONV
OSR
83h
TSTARTSB
TSTARTSB
STANDBY
PAUSE
STANDBY
PAUSE
RESULTS
POWDOWN
POWDOWN
SB
MEASUREMENT
TCONV
MRES1 …
MRES3
READY
STATE
I²C activity
start (OSR:SS ← ’1')
b)
TSTARTPD
TSTARTSB
data
fetch
clear (OSR:SS ← ’0')
c)
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com