Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 42Page - OSRAM GmbH AS7331 Datasheet HTML 43Page - OSRAM GmbH AS7331 Datasheet HTML 44Page - OSRAM GmbH AS7331 Datasheet HTML 45Page - OSRAM GmbH AS7331 Datasheet HTML 46Page - OSRAM GmbH AS7331 Datasheet HTML 47Page - OSRAM GmbH AS7331 Datasheet HTML 48Page - OSRAM GmbH AS7331 Datasheet HTML 49Page - OSRAM GmbH AS7331 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 45
addressed by the address pointer (REG ADDR.) before. Then acknowledge is sent by the device, and
it internally increments the address pointer to the next internal register address. Each next data byte,
which is transferred by the master, is sequentially stored in the internal register.
If the master generates a stop condition, the transfer is aborted, and a new write sequence must be
started from the beginning.
7.8.4
I²C Read Protocol
The start byte consists of the slave address
followed by the bit R/W set to “0” for the write direction.
The first byte after the start byte is always the address pointer to the internal register, which the
master wants to read and acknowledge. After that, the master sends a repeated start condition and
repeats the slave address but with the bit R/W reversed. An acknowledge is then sent by the slave,
which starts the data transfer to the master. The first transferred byte is the content of the internal
register, which was pointed by the address pointer. Then the master acknowledges each transferred
byte. The internal address pointer of the AS7331 automatically increments after each transferred
register, which allows a sequential read-out of the internal registers. If a not acknowledge occurs from
the master, it sends the stop condition next and the transfer is finished.
A shortened read sequence is also possible, as shown in Figure 53. With the default of the bit
OPTREG:INIT_IDX =
“1” (see Figure 53) the internal address pointer starts at register address 2h, if
the Measurement state is activated (OSR:DOS = 011b). In the case the Configuration state is
activated (OSR:DOS = 010b), the internal address pointer starts at register address 0h.
7.8.5
I²C Addressable Register Space
Figure 41 shows the overview of the internal registers of the AS7331, which can be accessed via the
I²C interface. The control register bank can only be accessed in the configuration state, and the
registers are all 8 bits long. The output registers can only be accessed in the measurement state.
They are read-only registers and 16 bits long, except OUTCONV, which is 24 bits long.
OUTCONV is separated into two parts to fit
into the output register’s structure. OUTCONV_L contains
the first lower bytes, and OUTCONV_H contains the most significant byte of OUTCONV in the first
byte. The second byte is 00h.
The AS7331 transfers the output data registers with the least significant byte first. The output register
data transfer can start at any address. If during the sequential data read the highest possible address
is achieved (CREG2:EN_TM = “0”: address 4h; CREG2:EN_TM = “1”: address 6h), the internal pointer
is reset to the address 2h, so that the next transferred data byte corresponds to the low byte of
MRES1. However, the maximum number of output data transferred must not exceed a total number of
bytes accessible if all (6 bytes if conversion time measurement (CREG2:EN_TM) is not activated,
otherwise 10 bytes). The register OUTCONV is only available in case
bit CREG2:EN_TM is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com