Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 60Page - OSRAM GmbH AS7331 Datasheet HTML 61Page - OSRAM GmbH AS7331 Datasheet HTML 62Page - OSRAM GmbH AS7331 Datasheet HTML 63Page - OSRAM GmbH AS7331 Datasheet HTML 64Page - OSRAM GmbH AS7331 Datasheet HTML 65Page - OSRAM GmbH AS7331 Datasheet HTML 66Page - OSRAM GmbH AS7331 Datasheet HTML 67Page - OSRAM GmbH AS7331 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Document Feedback
AS7331
Application Information
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 63
9
Application Information
9.1
Schematic
Figure 58 shows a typical application circuit. Digital and analog grounds should be routed separately
onto the printed circuit board and must be connected near the device.
Figure 58:
Typical Application Circuit
16
15
14
13
1
8
6
7
5
12 11 10
9
2
3
4
SYN
A1
VSSA
VSSA
SCL
A0
VSSA
VSSA
VDDD 3.3 V
100 nF
0 Ω
3.3 MΩ
100 nF
VDDA 3.3 V
SCL
SDA
DIN0
DIN1
Controller
VDDD
VSSD
SYN
READY
820
820
100 nF
REXT
C
A B
AS7331
Please make sure all the specified components within the application circuit work according to their
operating range and the parameters in the datasheet. For example, voltage regulators (workspace
load current, separated analog and digital, or decoupled power supplies based on a common
regulator) need special treatment to avoid noise or deviations during operation.
9.2
External Components
The AS7331 and its external components for references and/or power supply (e.g. reference resistor,
REXT) should be placed on the same PCB side.
9.3
PCB Layout
The analog supply must be placed as close as possible to the AS7331. The connection between the
analog and digital grounds must be beneath (LP level) and/or near the AS7331.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com