Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 152 page
background image
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
B-1
Appendix B IBIS Model
[IBIS ver]
2.1
[File name]
56362.ibs
[File Rev]
0.0
[Date]
29/6/2000
[Component]
56362
[Manufacturer]
Freescale
[Package]
|variable
typ
min
max
R_pkg
45m
22m
75m
L_pkg
2.5nH
1.1nH
4.3nH
C_pkg
1.3pF
1.2pF
1.4pF
[Pin]signal_name model_name
1 sck
ip5b_io
2 ss_
ip5b_io
3 hreq_
ip5b_io
4 sdo0
ip5b_io
5 sdo1
ip5b_io
6 sdoi23
ip5b_io
7 sdoi32
ip5b_io
8 svcc
power
9 sgnd
gnd
10 sdoi41
ip5b_io
11 sdoi50
ip5b_io
12 fst
ip5b_io
13 fsr
ip5b_io
14 sckt
ip5b_io
15 sckr
ip5b_io
16 hsckt
ip5b_io
17 hsckr
ip5b_io
18 qvccl
power
19 gnd
gnd
20 qvcch
power
21 hp12
ip5b_io
22 hp11
ip5b_io
23 hp15
ip5b_io
24 hp14
ip5b_io
25 svcc
power
26 sgnd
gnd
27 ado
ip5b_io
28 aci
ip5b_io
29 tio
ip5b_io
30 hp13
ip5b_io
31 hp10
ip5b_io
32 hp9
ip5b_io



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com