Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362P Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 152 page
background image
DSP56362 Technical Data, Rev. 4
B-4
Freescale Semiconductor
144 sda
ip5b_io
|
[Model]
ip5b_i
Model_type
Input
Polarity
Non-Inverting
Vinl= 0.8000v
Vinh= 2.000v
C_comp
5.00pF
5.00pF
5.00pF
|
|
[Voltage Range]
3.3v
3v
3.6v
[GND_clamp]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
-5.21e+02
-3.65e+02
-5.18e+02
-3.10e+00
-4.69e+02
-3.30e+02
-4.67e+02
-2.90e+00
-4.18e+02
-2.94e+02
-4.16e+02
-2.70e+00
-3.67e+02
-2.59e+02
-3.65e+02
-2.50e+00
-3.16e+02
-2.23e+02
-3.14e+02
-2.30e+00
-2.65e+02
-1.88e+02
-2.63e+02
-2.10e+00
-2.14e+02
-1.52e+02
-2.12e+02
-1.90e+00
-1.63e+02
-1.17e+02
-1.61e+02
-1.70e+00
-1.13e+02
-9.25e+01
-1.10e+02
-1.50e+00
-7.83e+01
-6.88e+01
-7.58e+01
-1.30e+00
-4.43e+01
-4.52e+01
-4.17e+01
-1.10e+00
-1.02e+01
-2.15e+01
-7.67e+00
-9.00e-01
-9.69e-03
-1.18e+00
-7.81e-03
-7.00e-01
-2.83e-04
-5.70e-03
-8.42e-04
-5.00e-01
-1.35e-06
-4.53e-05
-1.00e-05
-3.00e-01
-1.31e-09
-3.74e-07
-8.58e-09
-1.00e-01
-2.92e-11
-3.00e-09
-3.64e-11
0.000e+00
-2.44e-11
-5.14e-10
-2.79e-11
|
|
[Model]
ip5b_io
Model_type
I/O
Polarity
Non-Inverting
Vinl= 0.8000v
Vinh= 2.000v
C_comp
5.00pF
5.00pF
5.00pF
|
|
[Voltage Range]
3.3v
3v
3.6v
[Pulldown]
|voltage
I(typ)
I(min)
I(max)
|
-3.30e+00
-5.21e+02
-3.65e+02
-5.18e+02
-3.10e+00
-4.69e+02
-3.30e+02
-4.67e+02
-2.90e+00
-4.18e+02
-2.94e+02
-4.16e+02
-2.70e+00
-3.67e+02
-2.59e+02
-3.65e+02
-2.50e+00
-3.16e+02
-2.23e+02
-3.14e+02
-2.30e+00
-2.65e+02
-1.88e+02
-2.63e+02
-2.10e+00
-2.14e+02
-1.52e+02
-2.12e+02
-1.90e+00
-1.63e+02
-1.17e+02
-1.61e+02
-1.70e+00
-1.13e+02
-9.25e+01
-1.10e+02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com